Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABC Datasheet(PDF) 12 Page - Analog Devices

Part # AD6650ABC
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABC Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6650ABC Datasheet HTML 8Page - Analog Devices AD6650ABC Datasheet HTML 9Page - Analog Devices AD6650ABC Datasheet HTML 10Page - Analog Devices AD6650ABC Datasheet HTML 11Page - Analog Devices AD6650ABC Datasheet HTML 12Page - Analog Devices AD6650ABC Datasheet HTML 13Page - Analog Devices AD6650ABC Datasheet HTML 14Page - Analog Devices AD6650ABC Datasheet HTML 15Page - Analog Devices AD6650ABC Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD6650
Rev. A | Page 12 of 44
Mnemonic
Type
Description
No. of Pins
DTACK (RDY)
Output
Active Low Data Acknowledge (Microport Status Bit). Open-drain output, requires
external pull-up resistor of 1 kΩ.
1
R/W (WR)
Input
Read Write (Active Low Write).
1
MODE [2:0]
Input
Selects Control Port Mode.
3
JTAG
TRST
Input
Test Reset Pin.
1
TCLK
Input
Test Clock Input.
1
TMS
Input
Test Mode Select Input.
1
TDO
Output
Test Data Output. Three-stated when JTAG is in reset.
1
TDI
Input
Test Data input.
1
ANALOG INPUTS
AIN
Input
Main Analog Input.
1
AIN
Input
Complement of AIN. Differential analog input.
1
BIN
Input
Diversity Analog Input.
1
BIN
Input
Complement of BIN. Differential analog input.
1
PLL INPUTS
CPOUT
Output
Charge-Pump Output.
1
LF
Input
Loop Filter.
1
VLDO
Output
Compensation for Internal Low Dropout Regulator. Bypass to ground with a 220
nF chip capacitor.
1
REFT
Output
Internal ADC Voltage Reference. Bypass to ground with capacitors. See Figure 39
for recommended connection.
1
REFB
Output
Internal ADC Voltage Reference. Bypass to ground with capacitors. See Figure 39
for recommended connection.
1
VREF
Output
Internal ADC Voltage Reference. Bypass to ground with capacitors. See Figure 39
for recommended connection.
1
REFGND
Ground
ADC Ground Reference. See Figure 39 for recommended connection.
1
CLOCK INPUTS
CLK
Input
Encode Input. Conversion initiated on rising edge.
1
CLK
Input
Complement of Encode.
1
DNC
Do Not Connect.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com