Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABC Datasheet(PDF) 13 Page - Analog Devices

Part # AD6650ABC
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABC Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6650ABC Datasheet HTML 9Page - Analog Devices AD6650ABC Datasheet HTML 10Page - Analog Devices AD6650ABC Datasheet HTML 11Page - Analog Devices AD6650ABC Datasheet HTML 12Page - Analog Devices AD6650ABC Datasheet HTML 13Page - Analog Devices AD6650ABC Datasheet HTML 14Page - Analog Devices AD6650ABC Datasheet HTML 15Page - Analog Devices AD6650ABC Datasheet HTML 16Page - Analog Devices AD6650ABC Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD6650
Rev. A | Page 13 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
IF FREQUENCY (MHz)
44
42
40
38
36
32
34
30
70
90
110
130
150
170
190
210
230
250
–25°C
+25°C
+85°C
Figure 15. Input IP2 vs. Frequency
IF FREQUENCY (MHz)
–6
–7
–8
–9
–10
–13
–14
–12
–11
–15
70
90
110
130
150
170
190
210
230
250
–25°C
+25°C
+85°C
Figure 16. Input IP3 vs. Frequency
IF FREQUENCY (MHz)
–44
–45
–46
–47
–48
–49
–50
–51
70
90
110
130
150
170
190
210
230
250
–25°C
+25°C
+85°C
Figure 17. Image vs. Frequency
IF FREQUENCY (MHz)
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
70
90
110
130
150
170
190
210
230
250
–25°C
+25°C
+85°C
Figure 18. Gain Error vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com