Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7607 Datasheet HTML 21Page - Analog Devices AD7607 Datasheet HTML 22Page - Analog Devices AD7607 Datasheet HTML 23Page - Analog Devices AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD7607
Rev. B | Page 25 of 32
Figure 42 shows a read of eight simultaneous conversion results
using two DOUT lines on the AD7607. In this case, a 56 SCLK
transfer is used to access data from the AD7607, and CS is held
low to frame the entire 56 SCLK cycles. Data can also be clocked
out using just one DOUT line; in which case, it is recommended
that DOUTA be used to access all conversion data because the
channel data is output in ascending order. For the AD7607 to
access all eight conversion results on one DOUT line, a total of
112 SCLK cycles are required. These 112 SCLK cycles can be
framed by one CS signal, or each group of 14 SCLK cycles can be
individually framed by the CS signal. The disadvantage of using
just one DOUT line is that the throughput rate is reduced
if reading occurs after conversion. The unused DOUT line should
be left unconnected in serial mode. If DOUTB is to be used as a
single DOUT line, the channel results are output in the following
order: V5, V6, V7, V8, V1, V2, V3, and V4; however, the
FRSTDATA indicator returns low after V5 is read on DOUTB.
Figure 6 shows the timing diagram for reading one channel of
data, framed by the CS signal, from the AD7607 in serial mode.
The SCLK input signal provides the clock source for the serial
read operation. The CS goes low to access the data from the
AD7607. The falling edge of CS takes the bus out of three-state
and clocks out the MSB of the 14-bit conversion result. This
MSB is valid on the first falling edge of the SCLK after the CS
falling edge.
The subsequent 13 data bits are clocked out of the AD7607 on the
SCLK rising edge. Data is valid on the SCLK falling edge. To access
each conversion result, 14 clock cycles must be provided.
The FRSTDATA output signal indicates when the first channel,
V1, is being read back. When the CS input is high, the FRSTDATA
output pin is in three-state. In serial mode, the falling edge of CS
takes FRSTDATA out of three-state and sets the FRSTDATA pin
high, indicating that the result from V1 is available on the DOUTA
output data line. The FRSTDATA output returns to a logic low
following the 14th SCLK falling edge. If all channels are read on
DOUTB, the FRSTDATA output does not go high when V1 is output
on this serial data output pin. It goes high only when V1 is available
on DOUTA (and this is when V5 is available on DOUTB).
READING DURING CONVERSION
Data can be read from the AD7607 while BUSY is high and the
conversions are in progress. This has little effect the performance
of the converter, and it allows a faster throughput rate to be
achieved. A parallel, parallel byte, or serial read can be performed
during conversions and when oversampling is or is not enabled.
Figure 3 shows the timing diagram for reading while BUSY is
high in parallel or serial mode. Reading during conversions
allows the full throughput rate to be achieved when using the
serial interface with VDRIVE above 3.3 V.
Data can be read from the AD7607 at any time other than on
the falling edge of BUSY because this is when the output data
registers get updated with the new conversion data. Time t6, as
outlined in Table 3, should be observed in this condition.
V1
V4
V2
V3
V5
V8
V6
V7
SCLK
DOUTA
DOUTB
CS
56
Figure 42. Serial Interface with Two DOUT Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com