Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7607 Datasheet HTML 23Page - Analog Devices AD7607 Datasheet HTML 24Page - Analog Devices AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices AD7607 Datasheet HTML 30Page - Analog Devices AD7607 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD7607
Rev. B | Page 27 of 32
Figure 44 to Figure 49 show the digital filter frequency profiles for
the different oversampling ratios. The combination of the analog
antialiasing filter and the oversampling digital filter helps to reduce
the complexity of the design of the filter before the AD7607. The
digital filtering combines steep roll-off and linear phase response.
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVCC = VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 2
Figure 44. Digital Filter Response for Oversampling by 2
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVCC = VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 4
Figure 45. Digital Filter Response for Oversampling by 4
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVCC = VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 8
Figure 46. Digital Filter Response for Oversampling by 8
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVCC = VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 16
Figure 47. Digital Filter Response for Oversampling by 16
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVCC = VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 32
Figure 48. Digital Filter Response for Oversampling by 32
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVCC = VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 64
Figure 49. Digital Filter Response for Oversampling by 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com