Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7109
Description  12-Bit ?쵡-Compatible Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 Datasheet(HTML) 5 Page - Microchip Technology

  TC7109_13 Datasheet HTML 1Page - Microchip Technology TC7109_13 Datasheet HTML 2Page - Microchip Technology TC7109_13 Datasheet HTML 3Page - Microchip Technology TC7109_13 Datasheet HTML 4Page - Microchip Technology TC7109_13 Datasheet HTML 5Page - Microchip Technology TC7109_13 Datasheet HTML 6Page - Microchip Technology TC7109_13 Datasheet HTML 7Page - Microchip Technology TC7109_13 Datasheet HTML 8Page - Microchip Technology TC7109_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2002-2012 Microchip Technology Inc.
DS21456D-page 5
TC7109/A
TCFS
Scale Factor Temperature Coefficient
—
1
5
V/°C
VIN = 408.9mV = >77708
Reading, Ext Ref = 0ppm/°C
I+
Supply Current (V+ to GND)
—
700
1500
AV
IN = 0V, Crystal Oscillator
3.58MHz Test Circuit
IS
Supply Current (V+ to V-)
—
700
1500
A
Pins 2-21, 25, 26, 27, 29 Open
VREF
Reference Out Voltage
-2.4
-2.8
-3.2
V
Referenced to V+, 25k
Between V+ and Ref Out
TCREF
Ref Out Temperature Coefficient
—
80
—
ppm/°C
25k
 Between V+ and Ref Out
0°C
T
A  +70°C
Digital
VOH
Output High Voltage
IOUT = 700A
3.5
4.3
—
V
TC7109: IOUT = 100A
Pins 3 -16, 18, 19, 20
TC7109A: IOUT = 700A
VOL
Output Low Voltage
—
0.2
0.4
AI
OUT = 1.6mA
Output Leakage Current
—
±0.01
±1
A
Pins 3 -16 High-Impedance
Control I/O Pull-up Current
—
5
—
F
Pins 18, 19, 20 VOUT = V+ – 3V
Mode Input at GND
Control I/O Loading
—
—
50
pF
HBEN, Pin 19; LBEN, Pin 18
VIH
Input High Voltage
2.5
—
—
V
Pins 18 -21, 26, 27
Referenced to GND
VIL
Input Low Voltage
—
—
1
V
Pins 18-21, 26, 27
Referenced to GND
Input Pull-up Current
—
—
5
25
—
—
A
A
Pins 26, 27; VOUT = V+ – 3V
Pins 17, 24; VOUT = V+ – 3V
Input Pull-down Current
—
1
—
A
Pins 21, VOUT = GND = +3V
Oscillator Output Current, High
—
1
—
mA
VOUT – 2.5V
Oscillator Output Current, Low
—
1.5
—
mA
VOUT – 2.5V
Buffered Oscillator Output Current High
—
2
—
mA
VOUT – 2.5V
Buffered Oscillator Output Current Low
—
5
—
mA
VOUT – 2.5V
tW
Mode Input Pulse Width
60
—
—
nsec
HANDLING PRECAUTIONS: These devices are CMOS and must be handled correctly to prevent damage. Package
and store only in conductive foam, antistatic tubes, or other conducting material. Use proper antistatic handling pro-
cedures. Do not connect in circuits under “power-on” conditions, as high transients may cause permanent damage.
TC7109/TC7109A ELECTRICAL SPECIFICATIONS (Continued)
Electrical Characteristics: All parameters with V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, unless otherwise indicated.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1: Input voltages may exceed supply voltages if input current is limited to ±100
A.
2: Connecting any digital inputs or outputs to voltages greater than V+ or less than GND may cause destructive device
latch-up. Therefore, it is recommended that inputs from sources other than the same power supply should not be applied
to the TC7109A before its power supply is established. In multiple supply systems, the supply to the device should be
activated first.
3: This limit refers to that of the package and will not occur during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com