Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7109
Description  12-Bit ?쵡-Compatible Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 Datasheet(HTML) 1 Page - Microchip Technology

  TC7109_13 Datasheet HTML 1Page - Microchip Technology TC7109_13 Datasheet HTML 2Page - Microchip Technology TC7109_13 Datasheet HTML 3Page - Microchip Technology TC7109_13 Datasheet HTML 4Page - Microchip Technology TC7109_13 Datasheet HTML 5Page - Microchip Technology TC7109_13 Datasheet HTML 6Page - Microchip Technology TC7109_13 Datasheet HTML 7Page - Microchip Technology TC7109_13 Datasheet HTML 8Page - Microchip Technology TC7109_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2002-2012 Microchip Technology Inc.
DS21456D-page 1
TC7109/A
Features:
• Zero Integrator Cycle for Fast Recovery from
Input Overloads
• Eliminates Cross-Talk in Multiplexed Systems
• 12-Bit Plus Sign Integrating A/D Converter with
Over Range Indication
• Sign Magnitude Coding Format
• True Differential Signal Input and Differential
Reference Input
• Low Noise: 15
V
P-P Typ.
• Input Current: 1pA Typ.
• No Zero Adjustment needed
• TTL Compatible, Byte Organized Tri-State
Outputs
• UART Handshake Mode for simple Serial Data
Transmissions
Device Selection Table
*The “A” version has a higher IOUT on the digital lines.
General Description:
The TC7109A is a 12-bit plus sign, CMOS low power
Analog-to-Digital Converter (ADC). Only eight passive
components and a crystal are required to form a
complete dual slope integrating ADC.
The improved VOH source current and other TC7109A
features make it an attractive per-channel alternative to
analog multiplexing for many data acquisition applica-
tions. These features include typical input bias current
of 1pA, drift of less than 1
V/°C, input noise typically
15
V
P-P, and auto-zero. True differential input and ref-
erence allow measurement of bridge type transducers,
such as load cells, strain gauges and temperature
transducers.
The TC7109A provides a versatile digital interface. In
the Direct mode, Chip Select and HIGH/LOW byte
enable control parallel bus interface. In the Handshake
mode, the TC7109A will operate with industry standard
UARTs in controlling serial data transmission – ideal for
remote data logging. Control and monitoring of conver-
sion timing is provided by the RUN/HOLD input and
Status output.
For applications requiring more resolution, see the
TC500, 15-bit plus sign ADC data sheet. The TC7109A
has improved over range recovery performance and
higher output drive capability than the original TC7109.
All new (or existing) designs should specify the
TC7109A wherever possible.
Part Number
(TC7109X)*
Package
Temperature
Range
TC7109CKW
44-Pin PQFP
0°C to +70°C
TC7109CLW
44-Pin PLCC
0°C to +70°C
TC7109CPL
40-Pin PDIP
0°C to +70°C
TC7109IJL
40-Pin CERDIP
-25°C to +85°C
12-Bit
A-Compatible Analog-to-Digital Converters


Similar Part No. - TC7109_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7109A TELCOM-TC7109A Datasheet
274Kb / 21P
12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109ACKW TELCOM-TC7109ACKW Datasheet
274Kb / 21P
12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109ACLW TELCOM-TC7109ACLW Datasheet
274Kb / 21P
12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109ACPL TELCOM-TC7109ACPL Datasheet
274Kb / 21P
12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
TC7109AIJL TELCOM-TC7109AIJL Datasheet
274Kb / 21P
12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TC7109_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7109 TELCOM-TC7109 Datasheet
274Kb / 21P
12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
12-Bit, Industry-Standard Digital-to-Analog Converters
logo
Microchip Technology
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
12-Bit, Industry-Standard Digital-to-Analog Converters
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC80P TI-DAC80P Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com