Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7680ARMZ
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 11Page - Analog Devices AD7680ARMZ Datasheet HTML 12Page - Analog Devices AD7680ARMZ Datasheet HTML 13Page - Analog Devices AD7680ARMZ Datasheet HTML 14Page - Analog Devices AD7680ARMZ Datasheet HTML 15Page - Analog Devices AD7680ARMZ Datasheet HTML 16Page - Analog Devices AD7680ARMZ Datasheet HTML 17Page - Analog Devices AD7680ARMZ Datasheet HTML 18Page - Analog Devices AD7680ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7680
Rev. A | Page 15 of 24
POWER-DOWN MODE
This mode is intended for use in applications where slower
throughput rates are required. Either the ADC is powered
down between each conversion, or a series of conversions may
be performed at a high throughput rate, and then the ADC is
powered down for a relatively long duration between these
bursts of several conversions. When the AD7680 is in
power-down, all analog circuitry is powered down.
To enter power-down, the conversion process must be
interrupted by bringing CS high anywhere after the second
falling edge of SCLK and before the 10th falling edge of SCLK
as shown in
. Once
Figure 17
CS has been brought high in this
window of SCLKs, the part enters power-down, the conversion
that was initiated by the falling edge of CS is terminated, and
SDATA goes back into three-state. If CS is brought high before
the second SCLK falling edge, the part remains in normal mode
and will not power down. This avoids accidental power-down
due to glitches on the CS line.
In order to exit this mode of operation and power up the
AD7680 again, a dummy conversion is performed. On the
falling edge of CS, the device begins to power up and continues
to power up as long as CS is held low until after the falling edge
of the 10th SCLK. The device is fully powered up once at least
16 SCLKs (or approximately 6 μs) have elapsed and valid data
results from the next conversion as shown in
. If
Figure 18
CS is
brought high before the 10th falling edge of SCLK, regardless of
the SCLK frequency, the AD7680 goes back into power-down
again. This avoids accidental power-up due to glitches on the
CS line or an inadvertent burst of 8 SCLK cycles while CS is low.
So although the device may begin to power-up on the falling
edge of CS, it powers down again on the rising edge of CS as
long as it occurs before the 10th SCLK falling edge.
SCLK
SDATA
1
2
10
20
THREE-STATE
CS
Figure 17. Entering Power-Down Mode
110
20
1
20
SDATA
SCLK
CS
INVALID DATA
VALID DATA
THE PART IS FULLY POWERED
UP WITH VIN FULLY ACQUIRED
THE PART BEGINS
TO POWER UP
tPOWER UP
Figure 18. Exiting Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com