Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7680ARMZ
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 12Page - Analog Devices AD7680ARMZ Datasheet HTML 13Page - Analog Devices AD7680ARMZ Datasheet HTML 14Page - Analog Devices AD7680ARMZ Datasheet HTML 15Page - Analog Devices AD7680ARMZ Datasheet HTML 16Page - Analog Devices AD7680ARMZ Datasheet HTML 17Page - Analog Devices AD7680ARMZ Datasheet HTML 18Page - Analog Devices AD7680ARMZ Datasheet HTML 19Page - Analog Devices AD7680ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7680
Rev. A | Page 16 of 24
POWER VS. THROUGHPUT RATE
By using the power-down mode on the AD7680 when not
converting, the average power consumption of the ADC
decreases at lower throughput rates. Figure 19 shows how as the
throughput rate is reduced, the part remains in its shut-down
state longer, and the average power consumption over time
drops accordingly.
For example, if the AD7680 is operated in a continuous
sampling mode, with a throughput rate of 10 kSPS and an SCLK
of 2.5 MHz (VDD = 3.6 V), and the device is placed in power-
down mode between conversions, the power consumption is
calculated as follows. The maximum power dissipation during
normal operation is 6.84 mW (VDD = 3.6 V). If the power-up
time from power-down is 1 μs, and the remaining conversion
time is 8 μs, (using a 20 SCLK transfer), then the AD7680 can
be said to dissipate 6.84 mW for 9 μs during each conversion
cycle. With a throughput rate of 10 kSPS, the cycle time is 100
μs.
For the remainder of the conversion cycle, 91 μs, the part
remains in power-down mode. The AD7680 can be said to
dissipate 1.08 μW for the remaining 91 μs of the conversion
cycle. Therefore, with a throughput rate of 10 kSPS, the average
power dissipated during each cycle is
(9/100) × (6.84 mW) + (91/100) × (1.08 μW) = 0.62 mW
Figure 19 shows the power dissipation versus the throughput
rate when using the power-down mode with 3.6 V supplies, a
2.5 MHz SCLK, and a 20 SCLK serial transfer.
0.01
0
5
10
15
20
25
THROUGHPUT (kSPS)
30
35
40
45
50
0.1
1
10
VDD = 3.6V
FSCLK = 2.5MHz
Figure 19. Power vs. Throughput Using
Power-Down Mode with 20 SCLK Transfer at 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com