Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7652CPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7652CPA
Description  Low Noise, Chopper Stabilized Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7652CPA Datasheet(HTML) 3 Page - Microchip Technology

  TC7652CPA Datasheet HTML 1Page - Microchip Technology TC7652CPA Datasheet HTML 2Page - Microchip Technology TC7652CPA Datasheet HTML 3Page - Microchip Technology TC7652CPA Datasheet HTML 4Page - Microchip Technology TC7652CPA Datasheet HTML 5Page - Microchip Technology TC7652CPA Datasheet HTML 6Page - Microchip Technology TC7652CPA Datasheet HTML 7Page - Microchip Technology TC7652CPA Datasheet HTML 8Page - Microchip Technology TC7652CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21464C-page 3
TC7652
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (VDD to VSS) .......................+18V
Input Voltage .................... (VDD +0.3V) to (VSS – 0.3V)
Voltage on Oscillator Control Pins...............VDD to VSS
Duration of Output Short Circuit .....................Indefinite
Current Into Any Pin............................................ 10mA
While Operating (Note 1)............................ 100
A
Package Power Dissipation (TA < 70°C
8-Pin Plastic DIP ....................................... 730mW
14-Pin Plastic DIP ..................................... 800mW
Storage Temperature Range .............. -65°C to +150°C
Operating Temperature Range
C Device .......................................... 0°C to +70°C
I Device ......................................... -25°C to +85°C
*Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indi-
cated in the operation sections of the specifications is not
implied. Exposure to Absolute Maximum Rating conditions
for extended periods my affect device reliability.
TC7652 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD = +5V, VSS = -5V, TA = +25°C, unless otherwise indicated.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VOS
Input Offset Voltage
—
±2
±5
VT
A = +25°C
TCVOS
Average Temperature Co-efficient of
Input Offset Voltage
—0.01
0.05
V/°C 0°C < T
A < +70°C
VOS/DT
Offset Voltage vs Time
—
150
—
nV/mo
IBIAS
Input Bias Current (CLK On)
—
—
—
30
100
250
100
—
1000
pA
TA = +25°C
0°C < TA < +70°C
-25°C < TA < +85°C
IBIAS
Input Bias Current (CLK Off)
—
—
—
15
35
100
30
—
1000
pA
TA = +25°C
0°C < TA < +70°C
-25°C < TA < +85°C
IOS
Input Offset Current
—
25
150
pA
RIN
Input Resistance
—
1012
—
OL
Large Signal Voltage Gain
120
150
—
dB
RL = 10k, VOUT = ±4V
VOUT
Output Voltage Swing (Note 2)±4.7
—
±4.85
±4.95
—
—
VRL = 10k
RL = 100k
CMVR
Common Mode Voltage Range
-4.3
—
+3.5
V
MRR
Common Mode Rejection Ratio
120
140
—
dB
CMVR = -4.3V to +3.5V
PSRR
Power Supply
120
140
—
dB
±3V to ±8V
eN
Input Noise Voltage
—
—
0.2
0.7
1.5
5
V
P-P
V
P-P
RS = 100, DC to 1Hz
DC to 10Hz
IN
Input Noise Current
—
0.01
—
pA/
Hz
f
= 10Hz
GBW
Unity Gain Bandwidth
—
0.4
—
MHz
SR
Slew Rate
—
1
—
V/
sec C
L = 50pF, RL = 10k
Overshoot
—
15
—
%
VDD, VSS
Operating Supply Range
5
—
16
V
Note
1: Limiting input current to 100
A is recommended to avoid latch-up problems. Typically 1mA is safe however, this is not
guaranteed.
2: Output clamp not connected. See typical characteristics curves for output swing versus clamp current characteristics.
3: See “Output Clamp” under detailed description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com