Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7652CPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7652CPA
Description  Low Noise, Chopper Stabilized Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7652CPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7652CPA Datasheet HTML 3Page - Microchip Technology TC7652CPA Datasheet HTML 4Page - Microchip Technology TC7652CPA Datasheet HTML 5Page - Microchip Technology TC7652CPA Datasheet HTML 6Page - Microchip Technology TC7652CPA Datasheet HTML 7Page - Microchip Technology TC7652CPA Datasheet HTML 8Page - Microchip Technology TC7652CPA Datasheet HTML 9Page - Microchip Technology TC7652CPA Datasheet HTML 10Page - Microchip Technology TC7652CPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21464C-page 7
TC7652
4.3
Output Stage/Load Driving
The output circuit is high impedance (about 18k
).
With lesser loads, the chopper amplifier behaves
somewhat like a transconductance amplifier with an
open-loop gain proportional to load resistance. (For
example, the open-loop gain is 17dB lower with a 1k
.
load than with a 10k
 load.) If the amp is used only for
DC, the DC gain is typically greater than 120dB (even
with a 1k
 load), and this lower gain is inconsequential.
For wide band, the best frequency response occurs
with a load resistor of at least 10k
. This produces a
6dB/octave response from 0.1Hz to 2MHz, with phase
shifts of less than 2 degrees in the transition region,
where the main amplifier takes over from the null ampli-
fier.
FIGURE 4-1:
CONNECTION OF INPUT GUARDS
4.4
Thermoelectric Effects
The thermoelectric (Seebeck) effects in thermocouple
junctions of dissimilar metals, alloys, silicon, etc. limit
ultra high precision DC amplifiers. Unless all junctions
are at the same temperature, thermoelectric voltages
around 0.1
V/C (up to tens of V/C for some materi-
als) are generated. To realize the low offset voltages of
the chopper, avoid temperature gradients. Enclose
components to eliminate air movement, especially from
power dissipating elements in the system. Where pos-
sible, use low thermoelectric co-efficient connections.
Keep power supply voltages and power dissipation to a
minimum. Use high impedance loads and seek maxi-
mum separation from surrounding heat disipating ele-
ments.
4.5
Guarding
To benefit from TC7652 low input currents, take care
assembling printed circuit boards. Clean boards with
alcohol or TCE and blow dry with compressed air. To
prevent contamination, coat boards with epoxy or sili-
cone rubber.
Even if boards are cleaned and coated, leakage cur-
rents may occur because input pins are next to pins at
supply potentials. To reduce this leakage, use guarding
to lower the voltage difference between the inputs and
adjacent metal runs. The guard (a conductive ring sur-
rounding inputs) is connected to a low impedance point
at about the same voltage as inputs. The guard
absorbs leakage currents from high voltage pins.
The 14-pin dual-in-line arrangement simplifies guard-
ing. Like the LM108 pin configuration (but unlike the
101A and 741), pins next to inputs are not used.
Input
Output
R2
R1
Inverting Amplifier
Input
Output
Follower
Input
Output
R2
R1
Noninverting Amplifier
TC7652
TC7652
TC7652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com