Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7652CPD Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7652CPD
Description  Low Noise, Chopper Stabilized Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7652CPD Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7652CPD Datasheet HTML 2Page - Microchip Technology TC7652CPD Datasheet HTML 3Page - Microchip Technology TC7652CPD Datasheet HTML 4Page - Microchip Technology TC7652CPD Datasheet HTML 5Page - Microchip Technology TC7652CPD Datasheet HTML 6Page - Microchip Technology TC7652CPD Datasheet HTML 7Page - Microchip Technology TC7652CPD Datasheet HTML 8Page - Microchip Technology TC7652CPD Datasheet HTML 9Page - Microchip Technology TC7652CPD Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC7652
DS21464C-page 6
 2001-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
3.1
Capacitor Connection
Connect the null storage capacitors to the CA and CB
pins with a common connection to the CRET pin (14-pin
TC7652) or to VSS (8-pin TC7652). When connecting to
VSS, avoid injecting load current IR drops into the
capacitive circuitry by making this connection directly
via a separate wire or PC trace.
3.2
Output Clamp
In chopper stabilized amplifiers, the output clamp pin
reduces overload recovery time. When a connection is
made to the inverting input pin (summing junction), a
current path is created between that point and the out-
put pin, just before the device output saturates. This
prevents uncontrolled differential input voltages and
charge build-up on correction storage capacitors. Out-
put swing is reduced.
3.3
Clock
The TC7652 has a 550Hz internal oscillator, which is
divided by two before clocking the input chopper
switches. The 275Hz chopping frequency is available
at INT CLK OUT (Pin 12) on 14-pin devices. In normal
operation, INT/EXT (Pin 14), which has an internal pull-
up, can be left open.
An external clock can also be used. To disable the
internal clock and use an external one, the INT/EXT pin
must be tied to VSS. The external clock signal is then
applied to the EXT CLK IN input (Pin 13). An internal
divide-by-two provides a 50% switching duty cycle. The
capacitors are only charged when EXT CLK IN is high,
so a 50% to 80% positive duty cycle is recommended
for higher clock frequencies. The external clock can
swing between VDD and VSS, with the logic threshold
about 2.5V below VDD.
The output of the internal oscillator, before the divide-
by-two circuit, is available at EXT CLK IN when INT/
EXT is high or unconnected. This output can serve as
the clock input for a second TC7652 (operating in a
master/slave mode), so that both op amps will clock at
the same frequency. This prevents clock intermodula-
tion effects when two TC7652's are used in a differen-
tial amplifier configuration.
FIGURE 3-1:
TEST CIRCUIT
If the TC7652's output saturates, error voltages on the
external capacitors will slow overload recovery. This
condition can be avoided if a strobe signal is available.
The strobe signal is applied to EXT CLK IN and the
overload signal is applied to the amplifier while the
strobe is LOW. In this case, neither capacitor will be
charged. The low leakage of the capacitor pins allow
long measurements to be made within eligible errors
(typical capacitor drift is 10
V/sec).
4.0
TYPICAL APPLICATIONS
4.1
Component Selection
CA and CB (external capacitors)should be in the 0.1F
to 1
F range. For minimum clock ripple noise, use a
1
F capacitor in broad bandwidth circuits. For limited
bandwidth applications where clock ripple is filtered
out, use a 0.1
F capacitor for slightly lower offset volt-
age. High quality, film type capacitors (polyester or
polypropylene) are recommended, although a lower
grade ceramic may work in some applications. For
quickest settling after initial turn-on, use low dielectric
absorption capacitors
(e.g.,
polypropylene). With
ceramic capacitors, settling to 1
V takes several sec-
onds.
4.2
Static Protection
Although input diodes static protect all device pins,
avoid strong electrostatic fields and discharges that
can cause degraded diode junction characteristics and
produce increased input-leakage currents.
Output
R2
R1
0.1µF
0.1µF
TC7652
C
R
C
1k
Ω
1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com