Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7652CPD Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7652CPD
Description  Low Noise, Chopper Stabilized Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7652CPD Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7652CPD Datasheet HTML 4Page - Microchip Technology TC7652CPD Datasheet HTML 5Page - Microchip Technology TC7652CPD Datasheet HTML 6Page - Microchip Technology TC7652CPD Datasheet HTML 7Page - Microchip Technology TC7652CPD Datasheet HTML 8Page - Microchip Technology TC7652CPD Datasheet HTML 9Page - Microchip Technology TC7652CPD Datasheet HTML 10Page - Microchip Technology TC7652CPD Datasheet HTML 11Page - Microchip Technology TC7652CPD Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC7652
DS21464C-page 8
 2001-2012 Microchip Technology Inc.
4.6
Pin Compatibility
Where possible, the 8-pin device pinout conforms to
such industry standards as the LM101 and LM741. Null
storing external capacitors connect to Pins 1 and 8,
which are usually for offset null or compensation capac-
itors. Output clamp (Pin 5) is similarly used. For OP05
and OP07 devices, replacement of the offset null
potentiometer (connected between Pins 1 and 8 and
VDD by two capacitors from those pins to VSS) provides
compatibility. Replacing the compensation capacitor
between Pins 1 and 8 by two capacitors to VSS is
required. The same operation (with the removal of any
connection to Pin 5) works for LM101,
A748 and sim-
ilar parts.
Because NC pins provide guarding between input and
other pins, the 14-pin device pinout conforms closely to
the LM108. Because this device does not use any extra
pins and does not provide offset nulling (but requires a
compensation capacitor), some layout changes are
necessary to convert to the TC7652.
4.7
Some Applications
Figures 4-2 and 4-3 show basic inverting and nonin-
verting amplifier circuits using the output clamping cir-
cuit to enhance overload recovery performance. The
only limitations on replacing other op amps with the
TC7652 are supply voltage (±8V maximum) and output
drive capability (10k
 load for full swing). Overcome
these limitations with a booster circuit (Figure 4-4) to
combine output capabilities of the LM741 (or other
standard device) with input capabilities of the TC7652.
These two form a composite device, therefore, when
adding the feedback network, the monitor loop gains
stability.
FIGURE 4-2:
NONINVERTING
AMPLIFIER WITH
OPTIONAL CLAMP
FIGURE 4-3:
INVERTING AMPLIFIER
WITH OPTIONAL CLAMP
FIGURE 4-4:
USING 741 TO BOOST
OUTPUT DRIVE
CAPABILITY
Figure 4-5 shows the clamp circuit of a zero offset com-
parator. Because the clamp circuit requires the invert-
ing input to follow the input signal, problems with a
chopper stabilized op amp are avoided. The threshold
input must tolerate the output clamp current
V
IN/R
without disrupting other parts of the system.
Figure 4-6 shows how the TC7652 can offset null high
slew rate and wideband amplifiers.
Mixing the TC7652 with circuits operating at ±15V
requires a lower supply voltage divider with the TC7660
voltage converter circuit operated "backwards." Figure
4-7 shows an approximate connection.
FIGURE 4-5:
LOW OFFSET
COMPARATOR
TC7652
+
Output
Clamp
Input
0.1µF
R2
R1
R3
0.1µF
Output
Input
R2
R1
Clamp
0.1µF
0.1µF
TC7652
+
+
+15V
-15V
-7.5V
0.1
µF
In
Out
-7.5V
0.1
µF
10k
Ω
TC7652
741
TC7652
+
VOUT
Clamp
VIN
0.1µF
0.1µF
200k
Ω to 2mΩ
VTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com