Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBRUZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD7730LBRUZ
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBRUZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7730LBRUZ Datasheet HTML 32Page - Analog Devices AD7730LBRUZ Datasheet HTML 33Page - Analog Devices AD7730LBRUZ Datasheet HTML 34Page - Analog Devices AD7730LBRUZ Datasheet HTML 35Page - Analog Devices AD7730LBRUZ Datasheet HTML 36Page - Analog Devices AD7730LBRUZ Datasheet HTML 37Page - Analog Devices AD7730LBRUZ Datasheet HTML 38Page - Analog Devices AD7730LBRUZ Datasheet HTML 39Page - Analog Devices AD7730LBRUZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
AD7730/AD7730L
–36–
In DSP applications, the SCLK is generally a continuous clock.
In these applications, the
CS input for the AD7730 is generated
from a frame synchronization signal from the DSP. In these
applications, the first edge after
CS goes low is the active edge.
The MSB of the data to be shifted into the DSP must be set up
prior to this first active edge. Unlike microcontroller applica-
tions, the DSP does not provide a clock edge to clock the MSB
from the AD7730. In this case, the
CS of the AD7730 places
the MSB on the DOUT line. For processors with the rising edge
of SCLK as the active edge, the POL input should be tied high.
In this case, the DSP takes data on the rising edge. If
CS goes
low while SCLK is low, the MSB is clocked out on the DOUT
line from the
CS. Subsequent data bits are clocked from the
falling edge of SCLK. For processors with the falling edge of
SCLK as the active edge, the POL input should be tied low. In
this case, the DSP takes data on the falling edge. If
CS goes low
while SCLK is high, the MSB is clocked out on the DOUT line
from the
CS. Subsequent data bits are clocked from the rising
edge of SCLK.
Figure 18. Read Cycle Timing Diagram
Figure 19. Write Cycle Timing Diagram
The
RDY line is used as a status signal to indicate when data is
ready to be read from the AD7730’s data register.
RDY goes
low when a new data word is available in the data register. It is
reset high when a read operation from the data register is com-
plete. It also goes high prior to the updating of the data register
to indicate when a read from the data register should not be
initiated. This is to ensure that the transfer of data from the data
register to the output shift register does not occur while the data
register is being updated. It is possible to read the same data
twice from the output register even though the
RDY line returns
high after the first read operation. Care must be taken, however,
to ensure that the read operations are not initiated as the next
output update is about to take place.
For systems with a single data line, the DIN and DOUT lines
on the AD7730 can be connected together, but care must be
taken in this case not to place the part in continuous read mode
as the part monitors DIN while supplying data on DOUT and
as a result, it may not be possible to take the part out of its
continuous read mode.
DOUT
SCLK
(POL = 1)
CS
RDY
MSB
t5
t7
t9
LSB
t8
t6
t4
t3
t10
SCLK
(POL = 0)
t5A
t6
t7
DIN
SCLK
(POL = 1)
CS
MSB
t12
t15
LSB
t16
t14
t11
t13
SCLK
(POL = 0)
t14
t15
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com