Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBRUZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7730LBRUZ
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBRUZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7730LBRUZ Datasheet HTML 8Page - Analog Devices AD7730LBRUZ Datasheet HTML 9Page - Analog Devices AD7730LBRUZ Datasheet HTML 10Page - Analog Devices AD7730LBRUZ Datasheet HTML 11Page - Analog Devices AD7730LBRUZ Datasheet HTML 12Page - Analog Devices AD7730LBRUZ Datasheet HTML 13Page - Analog Devices AD7730LBRUZ Datasheet HTML 14Page - Analog Devices AD7730LBRUZ Datasheet HTML 15Page - Analog Devices AD7730LBRUZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
AD7730/AD7730L
–12–
Table V. Summary of On-Chip Registers
Power-On/Reset
Register Name
Type
Size
Default Value
Function
Communications
Write Only
8 Bits
Not Applicable
All operations to other registers are initiated through
Register
the Communications Register. This controls whether
subsequent operations are read or write operations
and also selects the register for that subsequent
operation. Most subsequent operations return con-
trol to the Communications Register except for the
continuous read mode of operation.
Status Register
Read Only
8 Bits
CX Hex
Provides status information on conversions, calibra-
tions, settling to step inputs, standby operation and
the validity of the reference voltage.
Data Register
Read Only
16 Bits or 24 Bits
000000 Hex
Provides the most up-to-date conversion result from
the part. Register length can be programmed to be
16 bits or 24 bits.
Mode Register
Read/Write
16 Bits
01B0 Hex
Controls functions such as mode of operation, uni-
polar/bipolar operation, controlling the function of
AIN2(+)/D1 and AIN2(-)/D0, burnout current,
Data Register word length and disabling of MCLK
OUT. It also contains the reference selection bit, the
range selection bits and the channel selection bits.
Filter Register
Read/Write
24 Bits
200010 Hex
Controls the amount of averaging in the first stage
filter, selects the fast step and skip modes and con-
trols the ac excitation and chopping modes on the
part.
DAC Register
Read/Write
8 Bits
20 Hex
Provides control of the amount of correction per-
formed by the Offset/TARE DAC.
Offset Register
Read/Write
24 Bits
800000 Hex
Contains a 24-bit word which is the offset calibration
coefficient for the part. The contents of this register
are used to provide offset correction on the output
from the digital filter. There are three Offset Regis-
ters on the part and these are associated with the
input channels as outlined in Table XIII.
Gain Register
Read/Write
24 Bits
59AEE7 Hex
Contains a 24-bit word which is the gain calibration
coefficient for the part. The contents of this register
are used to provide gain correction on the output
from the digital filter. There are three Gain Registers
on the part and these are associated with the input
channels as outlined in Table XIII.
Test Register
Read/Write
24 Bits
000000 Hex
Controls the test modes of the part which are used
when testing the part. The user is advised not to
change the contents of this register.
WEN ZERO RW1
RW0
ZERO
RS2
RS1
RS0
RDY
STDY
STBY
NOREF
MS3
MS2
MS1
MS0
MD2
MD1
MD0
B/U
DEN
D1
D0
WL
HIREF
ZERO
RN1
RN0
CLKDIS
BO
CH1
CH0
SF11 SF10
SF9
SF8
SF7
SF6
SF5
SF4
SF3
SF2
SF1
SF0
ZERO ZERO SKIP
FAST
ZERO ZERO AC
CHP
DL3
DL2
DL1
DL0
ZERO
ZERO
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com