Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115ASTZ2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8115ASTZ2
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8115ASTZ2 Datasheet HTML 8Page - Analog Devices AD8115ASTZ2 Datasheet HTML 9Page - Analog Devices AD8115ASTZ2 Datasheet HTML 10Page - Analog Devices AD8115ASTZ2 Datasheet HTML 11Page - Analog Devices AD8115ASTZ2 Datasheet HTML 12Page - Analog Devices AD8115ASTZ2 Datasheet HTML 13Page - Analog Devices AD8115ASTZ2 Datasheet HTML 14Page - Analog Devices AD8115ASTZ2 Datasheet HTML 15Page - Analog Devices AD8115ASTZ2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD8114/AD8115
Rev. B | Page 12 of 32
FREQUENCY (MHz)
–70
–50
–60
–80
–90
–100
0.1
1
10
100
1000
ALL HOSTILE
0
–40
–30
–20
–10
ADJACENT
RL = 1kΩ
RT = 37.5Ω
Figure 13. AD8114 Crosstalk vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–50
–30
–60
–80
–100
110
2ND HARMONIC
0
50
3RD HARMONIC
–20
–40
–70
–90
–10
VO = 2V p-p
RL = 150Ω
Figure 14. AD8114 Distortion vs. Frequency
0
5
10
15
20
25
30
35
40
45
5ns/DIV
VO = 2V STEP
RL = 150Ω
Figure 15. AD8114 Settling Time
FREQUENCY (MHz)
–70
–50
–60
–80
–90
–100
0.1
1
10
100
1000
ALL HOSTILE
0
–40
–30
–20
–10
ADJACENT
RL = 1kΩ
RT = 37.5Ω
Figure 16. AD8115 Crosstalk vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–50
–30
–60
–80
–100
110
2ND HARMONIC
0
50
3RD HARMONIC
–20
–40
–70
–90
–10
VO = 2V p-p
RL = 150Ω
Figure 17. AD8115 Distortion vs. Frequency
5ns/DIV
0
5
10
15
20
25
30
35
40
45
VO = 2V STEP
RL = 150Ω
Figure 18. AD8115 Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com