Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115ASTZ2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8115ASTZ2
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115ASTZ2 Datasheet(HTML) 2 Page - Analog Devices

  AD8115ASTZ2 Datasheet HTML 1Page - Analog Devices AD8115ASTZ2 Datasheet HTML 2Page - Analog Devices AD8115ASTZ2 Datasheet HTML 3Page - Analog Devices AD8115ASTZ2 Datasheet HTML 4Page - Analog Devices AD8115ASTZ2 Datasheet HTML 5Page - Analog Devices AD8115ASTZ2 Datasheet HTML 6Page - Analog Devices AD8115ASTZ2 Datasheet HTML 7Page - Analog Devices AD8115ASTZ2 Datasheet HTML 8Page - Analog Devices AD8115ASTZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD8114/AD8115
Rev. B | Page 2 of 32
TABLE OF CONTENTS
AD8114/AD8115
—Specifications ................................................. 3
Timing Characteristics (Serial) .................................................. 5
Timing Characteristics (Parallel) ............................................... 6
Absolute Maximum Ratings............................................................ 8
Maximum Power Dissipation ..................................................... 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 11
I/O Schematics ................................................................................ 17
Theory of Operation ...................................................................... 18
Applications................................................................................. 18
Power-On Reset.......................................................................... 19
Gain Selection............................................................................. 19
Creating Larger Crosspoint Arrays.......................................... 20
Multichannel Video ................................................................... 21
Crosstalk ...................................................................................... 22
PCB Layout...................................................................................... 25
Evaluation Board ............................................................................ 29
Control the Evaluation Board from a PC................................ 30
Overshoot of PC Printer Ports’ Data Lines............................. 30
Outline Dimensions ....................................................................... 31
Ordering Guide .......................................................................... 31
REVISION HISTORY
9/05
—Rev. A to Rev. B
Updated Format.................................................................. Universal
Change to Figure 3 ............................................................................6
Change to Absolute Maximum Ratings..........................................8
Changes to Maximum Power Dissipation Section........................8
Updated Outline Dimensions ........................................................31
Changes to Ordering Guide ...........................................................31
11/01
—Rev. 0 to Rev. A
Edits to ORDERING GUIDE...........................................................5
Comments added to Outline Dimensions ...................................26
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com