Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8030ARJZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8030ARJZ-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030ARJZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8030ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 14Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 15Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 16Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 17Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 18Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8029/AD8030/AD8040
Rev. B | Page 15 of 24
03679-A-020
0
50
100
150
200
250
300
350
1.5
–1.0
–0.5
0
0.5
1.0
–1.5
TIME (ns)
DISABLE (–0.5V TO –2V)
RL = 10kΩ
RL = 100Ω
RL = 1kΩ
VS = ±2.5V
G = –1 (RF = 1kΩ)
OUTPUT DISABLED
Figure 47. AD8029 DISABLE Turn-Off Timing
03679-A-021
0
50
100
150
200
250
300
350
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
TIME (ns)
DISABLE (–2V TO –0.5V)
RL = 100Ω
RL = 1kΩ
RL = 10kΩ
VS = ±2.5V
G = –1 (RF = 1kΩ)
OUTPUT ENABLED
Figure 48. AD8029 DISABLE Turn-On Timing
DISABLE PIN VOLTAGE (V)
VS = +3V, +5V, +10V
0
1
0.8
1.2
2
3
–7
–6
–5
–4
–3
–2
–1
0
1
03679-A-022
Figure 49. AD8029 DISABLE Pin Current vs. DISABLE Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com