Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8030ARJZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8030ARJZ-R2
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030ARJZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8030ARJZ-R2 Datasheet HTML 1Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 2Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 3Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 4Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 5Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8030ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8029/AD8030/AD8040
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Connection Diagrams...................................................................... 1
 
General Description ......................................................................... 1
 
Specifications..................................................................................... 3
 
Specifications with ±5 V Supply................................................. 3
 
Specifications with +5 V Supply................................................. 4
 
Specifications with +3 V Supply................................................. 5
 
Absolute Maximum Ratings............................................................ 7
 
Maximum Power Dissipation ..................................................... 7
 
ESD Caution.................................................................................. 7
 
Typical Performance Characteristics ............................................. 8
 
Theory of Operation ...................................................................... 16
 
Input Stage................................................................................... 16
 
Output Stage................................................................................ 16
 
Applications..................................................................................... 17
 
Wideband Operation ................................................................. 17
 
Output Loading Sensitivity ....................................................... 17
 
Disable Pin .................................................................................. 18
 
Circuit Considerations .............................................................. 19
 
Design Tools and Technical Support ....................................... 19
 
Outline Dimensions ....................................................................... 20
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
10/12—Rev. A to Rev. B
Added Automotive Model, AD8040W............................Universal
Changes to Features Section............................................................ 1
Changes to General Description Section ...................................... 1
Changes to Specifications Section, Table 1, Added Automotive
Specifications..................................................................................... 3
Moved ESD Caution to Absolute Maximum Ratings Section.... 7
Changes to Figure 17........................................................................ 9
Updated Outline Dimensions ....................................................... 20
Changes to Ordering Guide .......................................................... 21
11/03—Rev. 0 to Rev. A
Added AD8040 part .......................................................Universal
Change to Figure 5 ....................................................................... 1
Changes to Specifications ............................................................ 3
Changes to Figures 10–12............................................................ 7
Change to Figure 14 ..................................................................... 8
Changes to Figures 20 and 21 ..................................................... 9
Inserted new Figure 36............................................................... 11
Change to Figure 40 ................................................................... 12
Inserted new Figure 41............................................................... 12
Added Output Loading Sensitivity section ............................. 16
Changes to Table 5...................................................................... 17
Changes to Power Supply Bypassing section .......................... 18
Changes to Ordering Guide ...................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com