Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBCZ1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 4Page - Analog Devices AD9736BBCZ1 Datasheet HTML 5Page - Analog Devices AD9736BBCZ1 Datasheet HTML 6Page - Analog Devices AD9736BBCZ1 Datasheet HTML 7Page - Analog Devices AD9736BBCZ1 Datasheet HTML 8Page - Analog Devices AD9736BBCZ1 Datasheet HTML 9Page - Analog Devices AD9736BBCZ1 Datasheet HTML 10Page - Analog Devices AD9736BBCZ1 Datasheet HTML 11Page - Analog Devices AD9736BBCZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 8 of 72
AC SPECIFICATIONS
AVDD33 = DVDD33 = 3.3 V, CVDD18 = DVDD18 = 1.8 V, maximum sample rate, IFS = 20 mA, 1× mode, 25 Ω, 1% balanced load,
unless otherwise noted.
Table 3.
AD9736
AD9735
AD9734
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Update Rate
1200
1200
1200
MSPS
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fDAC = 800 MSPS
fOUT = 20 MHz
75
75
75
dBc
fDAC = 1200 MSPS
fOUT = 50 MHz
80
76
76
dBc
fOUT = 100 MHz
77
74
71
dBc
fOUT = 316 MHz
63
63
60
dBc
fOUT = 550 MHz
55
54
53
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fDAC = 1200 MSPS
fOUT2 = fOUT + 1.25 MHz
fOUT = 40 MHz
88
84
83
dBc
fOUT = 50 MHz
85
84
83
dBc
fOUT = 100 MHz
84
81
79
dBc
fOUT = 316 MHz
70.5
67
66
dBc
fOUT = 550 MHz
65
60
60
dBc
NOISE SPECTRAL DENSITY (NSD)
Single Tone
fDAC = 1200 MSPS
fOUT = 50 MHz
−165
−162
−154
dBm/Hz
fOUT = 100 MHz
−164
−161
−154
dBm/Hz
fOUT = 241MHz
−158.5
−160.5
−159.5
−155
dBm/Hz
fOUT = 316 MHz
−158
−157
−152
dBm/Hz
fOUT = 550 MHz
−155
−155
−149
dBm/Hz
Eight-Tone
fDAC = 1200 MSPS, 500 kHz Tone Spacing
fOUT = 50 MHz
−166.5
−163
−154
dBm/Hz
fOUT = 100 MHz
−166
−163
−152
dBm/Hz
fOUT = 241MHz
−163.3
−165
−161.5
−150.5
dBm/Hz
fOUT = 316 MHz
−164
−162
−151
dBm/Hz
fOUT = 550 MHz
−162
−160
−150
dBm/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com