Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBCZ1 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9736BBCZ1
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCZ1 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9736BBCZ1 Datasheet HTML 6Page - Analog Devices AD9736BBCZ1 Datasheet HTML 7Page - Analog Devices AD9736BBCZ1 Datasheet HTML 8Page - Analog Devices AD9736BBCZ1 Datasheet HTML 9Page - Analog Devices AD9736BBCZ1 Datasheet HTML 10Page - Analog Devices AD9736BBCZ1 Datasheet HTML 11Page - Analog Devices AD9736BBCZ1 Datasheet HTML 12Page - Analog Devices AD9736BBCZ1 Datasheet HTML 13Page - Analog Devices AD9736BBCZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 10 of 72
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
DACCLK–
DACCLK+
G
H
J
K
L
M
DB0 (LSB)
N
P
14
13
12
11
10
8
7
6
3
2
19
5
4
DB11
DB12
DB13 (MSB)
Figure 2. AD9736 Digital LVDS Input, Clock I/O (Top View)
Table 6. AD9736 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, A2, A3, B1, B2, B3, C1, C2, C3, D2, D3
CVDD18
1.8 V Clock Supply.
A4, A5, A6, A9, A10, A11, B4, B5, B6, B9,
B10, B11, C4, C5, C6, C9, C10, C11, D4, D5,
D6, D9, D10, D11
AVSS
Analog Supply Ground.
A7, B7, C7, D7
IOUTB
DAC Negative Output. 10 mA to 30 mA full-scale output current.
A8, B8, C8, D8
IOUTA
DAC Positive Output. 10 mA to 30 mA full-scale output current.
A12, A13, B12, B13, C12, C13, D12, D13
AVDD33
3.3 V Analog Supply.
A14
DNC
Do Not Connect.
B14
I120
Nominal 1.2 V Reference. Tie to analog ground via 10 kΩ resistor to
generate a 120 μA reference current.
C14
VREF
Band Gap Voltage Reference I/O. Tie to analog ground via 1 nF
capacitor; output impedance is approximately 5 kΩ.
D1, E2, E3, E4, F2, F3, F4, G1, G2, G3, G4
CVSS
Clock Supply Ground.
D14
IPTAT
Factory Test Pin. Output current, proportional to absolute
temperature, is approximately 10 μA at 25°C with a slope of
approximately 20 nA/°C.
E1, F1
DACCLK−/DACCLK+
Negative/Positive DAC Clock Input (DACCLK).
E11, E12, F11, F12, G11, G12
AVSS
Analog Supply Ground Shield. Tie to AVSS at the DAC.
E13
IRQ/UNSIGNED
If PIN_MODE = 0, IRQ: Active low open-drain interrupt request
output, pull up to DVDD33 with 10 kΩ resistor.
If PIN_MODE = 1, UNSIGNED: Digital input pin where 0 = twos
complement input data format, 1 = unsigned.
E14
RESET/PD
If PIN_MODE = 0, RESET: 1 resets the AD9736.
If PIN_MODE = 1, PD: 1 puts the AD9736 in the power-down state.
F13
CSB/2×
See the Serial Peripheral Interface section and the Pin Mode
Operation section for pin description.
F14
SDIO/FIFO
See the Pin Mode Operation section for pin description.
G13
SCLK/FSC0
See the Pin Mode Operation section for pin description.
G14
SDO/FSC1
See the Pin Mode Operation section for pin description.
H1, H2, H3, H4, H11, H12, H13, H14, J1, J2,
J3, J4, J11, J12, J13, J14
DVDD18
1.8 V Digital Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com