Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7753ARSZRL Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7753ARSZRL
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753ARSZRL Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7753ARSZRL Datasheet HTML 39Page - Analog Devices ADE7753ARSZRL Datasheet HTML 40Page - Analog Devices ADE7753ARSZRL Datasheet HTML 41Page - Analog Devices ADE7753ARSZRL Datasheet HTML 42Page - Analog Devices ADE7753ARSZRL Datasheet HTML 43Page - Analog Devices ADE7753ARSZRL Datasheet HTML 44Page - Analog Devices ADE7753ARSZRL Datasheet HTML 45Page - Analog Devices ADE7753ARSZRL Datasheet HTML 46Page - Analog Devices ADE7753ARSZRL Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
ADE7753
Rev. C | Page 43 of 60
Calibrating Watt Offset with an Accurate Source Example
Figure 83 is the flowchart for watt offset calibration with an
accurate source.
SET HALF LINE CYCLES FOR ACCUMULATION
IN LINECYC REGISTER ADDR. 0x1C
SET ITEST = IMIN, VTEST = VNOM, PF = 1
CALCULATE APOS. SEE EQUATION 49.
SET MODE FOR LINE CYCLE
ACCUMULATION ADDR. 0x09 = 0x0080
ENABLE LINE CYCLE ACCUMULATION
INTERRUPT ADDR. 0x0A = 0x04
READ LINE ACCUMULATION ENERGY
ADDR. 0x04
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
INTERRUPT?
NO
NO
YES
YES
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
INTERRUPT?
WRITE APOS VALUE TO THE APOS
REGISTER: ADDR. 0x11
02875-A-009
Figure 83. Calibrating Watt Offset with an Accurate Source
For this example:
Meter Constant:
MeterConstant
(imp/Wh)
= 3.2
Line Voltage:
Vnominal
= 220 V
Line Frequency:
fl
= 50 Hz
CF Numerator:
CFNUM
= 0
CF Denominator:
CFDEN
= 489
Base Current:
Ib
= 10 A
Half Line Cycles Used at Base Current:
LINECYC(IB)
= 2000
Period Register Reading:
PERIOD
= 8959
Clock Frequency:
CLKIN
= 3.579545 MHz
Expected LAENERGY Register Value at Base Current
(from the Watt Gain section):LAENERGYIB(expected) = 19186
Minimum Current:
IMIN
= 40 mA
Number of Half Line Cycles used at Minimum Current:
LINECYC(IMIN)
=
35700
Active energy Reading at Minimum Current:
LAENERGYIMIN(nominal)
= 1395
The LAENERGYexpected at IMIN is 1370 using Equation 53.
LAENERGYIMIN(expected)
=
INT
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
IB
MIN
expected
IB
B
MIN
LINECYC
LINECYCI
LAENERGY
I
I
)
(
(53)
LAENERGYIMIN(expected) =
INT
1370
)
80
.
1369
(
2000
35700
19186
10
04
.
0
=
=
⎟
⎠
⎞
⎜
⎝
⎛
×
×
INT
where:
LAENERGYIB(expected)
is the expected LAENERGY reading at Ib
from the watt gain calibration.
LINECYCIMIN
is the number of half line cycles that energy is
accumulated over when measuring at IMIN.
More line cycles could be required at the minimum current to
minimize the effect of quantization error on the offset calibration.
For example, if a test current of 40 mA results in an active energy
accumulation of 113 after 2000 half line cycles, one LSB variation
in this reading represents an 0.8% error. This measurement
does not provide enough resolution to calibrate out a <1% offset
error. However, if the active energy is accumulated over 37,500
half line cycles, one LSB variation results in 0.05% error, reducing
the quantization error.
APOS
is −672 using Equations 55 and 49.
LAENERGY Absolute Error
=
LAENERGYIMIN(nominal)
− LAENERGYIMIN(expected)
LAENERGY Absolute Error
= 1395 − 1370 = 25
(54)
AENERGY Error Rate
(LSB/s) =
PERIOD
CLKIN
LINECYC
Error
Absolute
LAENERGY
×
×
8
2
/
(55)
AENERGY Error Rate
(LSB/s) =
069948771
.
0
8959
8
10
579545
.
3
2
/
35700
25
6
=
×
×
×
APOS
= −
CLKIN
Rate
Error
AENERGY
35
2
×
APOS
= −
672
10
579545
.
3
2
069948771
.
0
6
35
−
=
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com