Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7753ARSZRL Datasheet(PDF) 49 Page - Analog Devices

Part # ADE7753ARSZRL
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753ARSZRL Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE7753ARSZRL Datasheet HTML 45Page - Analog Devices ADE7753ARSZRL Datasheet HTML 46Page - Analog Devices ADE7753ARSZRL Datasheet HTML 47Page - Analog Devices ADE7753ARSZRL Datasheet HTML 48Page - Analog Devices ADE7753ARSZRL Datasheet HTML 49Page - Analog Devices ADE7753ARSZRL Datasheet HTML 50Page - Analog Devices ADE7753ARSZRL Datasheet HTML 51Page - Analog Devices ADE7753ARSZRL Datasheet HTML 52Page - Analog Devices ADE7753ARSZRL Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
ADE7753
Rev. C | Page 49 of 60
ADE7753 SERIAL INTERFACE
All ADE7753 functionality is accessible via several on-chip
registers—see Figure 89. The contents of these registers can be
updated or read using the on-chip serial interface. After power-
on or toggling the RESET pin low or a falling edge on CS, the
ADE7753 is placed in communications mode. In communica-
tions mode, the ADE7753 expects a write to its communications
register. The data written to the communications register
determines whether the next data transfer operation is a read
or a write and also which register is accessed. Therefore all data
transfer operations with the ADE7753, whether a read or a write,
must begin with a write to the communications register.
COMMUNICATIONS
REGISTER
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER n–1
REGISTER n
REGISTER
ADDRESS
DECODE
DIN
DOUT
02875-0-078
Figure 89. Addressing ADE7753 Registers via the Communications Register
The communications register is an 8-bit wide register. The MSB
determines whether the next data transfer operation is a read or
a write. The six LSBs contain the address of the register to be
accessed—see the Communications Register section for a more
detailed description.
Figure 90 and Figure 91 show the data transfer sequences for a
read and write operation, respectively. On completion of a data
transfer (read or write), the ADE7753 once again enters
communications mode. A data transfer is complete when the
LSB of the ADE7753 register being addressed (for a write or a
read) is transferred to or from the ADE7753.
MULTIBYTE
COMMUNICATIONS REGISTER WRITE
DIN
SCLK
CS
DOUT
READ DATA
ADDRESS
0
0
02875-0-079
Figure 90. Reading Data from the ADE7753 via the Serial Interface
COMMUNICATIONS REGISTER WRITE
DIN
SCLK
CS
ADDRESS
0
1
02875-0-080
MULTIBYTE
READ DATA
Figure 91. Writing Data to the ADE7753 via the Serial Interface
The serial interface of the ADE7753 is made up of four signals:
SCLK, DIN, DOUT, and CS. The serial clock for a data transfer
is applied at the SCLK logic input. This logic input has a
Schmitt-trigger input structure that allows slow rising (and
falling) clock edges to be used. All data transfer operations are
synchronized to the serial clock. Data is shifted into the
ADE7753 at the DIN logic input on the falling edge of SCLK.
Data is shifted out of the ADE7753 at the DOUT logic output
on a rising edge of SCLK. The CS logic input is the chip-select
input. This input is used when multiple devices share the serial
bus. A falling edge on CS also resets the serial interface and
places the ADE7753 into communications mode. The CS input
should be driven low for the entire data transfer operation.
Bringing CS high during a data transfer operation aborts the
transfer and places the serial bus in a high impedance state. The
CS logic input can be tied low if the ADE7753 is the only device
on the serial bus. However, with CS tied low, all initiated data
transfer operations must be fully completed, i.e., the LSB of each
register must be transferred because there is no other way of
bringing the ADE7753 back into communications mode
without resetting the entire device by using RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com