Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 207 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 207 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 203Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 204Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 205Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 206Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 207Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 208Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 209Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 210Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 207
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 10-3:
PMD3: PERIPHERAL MODULE DISABLE CONTROL REGISTER 3
REGISTER 10-4:
PMD4: PERIPHERAL MODULE DISABLE CONTROL REGISTER 4
U-0
U-0
U-0
U-0
U-0
R/W-0
U-0
U-0
—
—
—
—
—
CMPMD
—
—
bit 15
bit 8
U-0
U-0
R/W-0
U-0
U-0
U-0
R/W-0
U-0
—
—QEI2MD
—
—
—
I2C2MD
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10
CMPMD: Analog Comparator Module Disable bit
1 = Analog comparator module is disabled
0 = Analog comparator module is enabled
bit 9-6
Unimplemented: Read as ‘0’
bit 5
QEI2MD: QEI2 Module Disable bit
1 = QEI2 module is disabled
0 = QEI2 module is enabled
bit 4-2
Unimplemented: Read as ‘0’
bit 1
I2C2MD: I2C2 Module Disable bit
1 = I2C2 module is disabled
0 = I2C2 module is enabled
bit 0
Unimplemented: Read as ‘0’
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
U-0
U-0
U-0
—
—
—
—REFOMD
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-4
Unimplemented: Read as ‘0’
bit 3
REFOMD: Reference Clock Generator Module Disable bit
1 = Reference clock generator module is disabled
0 = Reference clock generator module is enabled
bit 2-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com