Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 63 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 63 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 59Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 60Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 61Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 62Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 63Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 64Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 65Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 66Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 456 page
background image
TABLE 4-8:
INTERRUPT CONTROLLER REGISTER MAP FOR dsPIC33FJ32GS610 DEVICES
SFR
Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
INTCON1 0080 NSTDIS OVAERR OVBERR COVAERR COVBERR
OVATE
OVBTE
COVTE SFTACERR DIV0ERR
—
MATHERR ADDRERR STKERR
OSCFAIL
—
0000
INTCON2 0082
ALTIVT
DISI
—
—
—
—
—
—
—
—
—
INT4EP
INT3EP
INT2EP
INT1EP
INT0EP
0000
IFS0
0084
—
—
ADIF
U1TXIF
U1RXIF
SPI1IF
SPI1EIF
T3IF
T2IF
OC2IF
IC2IF
—
T1IF
OC1IF
IC1IF
INT0IF
0000
IFS1
0086
U2TXIF
U2RXIF
INT2IF
T5IF
T4IF
OC4IF
OC3IF
—
—
—
—
INT1IF
CNIF
AC1IF
MI2C1IF
SI2C1IF
0000
IFS2
0088
—
—
—
—
—
—
—
—
—
IC4IF
IC3IF
—
—
—
SPI2IF
SPI2EIF
0000
IFS3
008A
—
—
—
—
—
QEI1IF
PSEMIF
—
—
INT4IF
INT3IF
—
—
MI2C2IF
SI2C2IF
—
0000
IFS4
008C
—
—
—
—QEI2IF
—
PSESMIF
—
—
—
—
—
—U2EIF
U1EIF
—
0000
IFS5
008E PWM2IF PWM1IF ADCP12IF
—
—
—
—
—
—
—
—
ADCP11IF ADCP10IF ADCP9IF
ADCP8IF
—
0000
IFS6
0090 ADCP1IF ADCP0IF
—
—
—
—
AC4IF
AC3IF
AC2IF
PWM9IF PWM8IF
PWM7IF
PWM6IF
PWM5IF
PWM4IF
PWM3IF
0000
IFS7
0092
—
—
—
—
—
—
—
—
—
—
ADCP7IF ADCP6IF
ADCP5IF
ADCP4IF
ADCP3IF ADCP2IF
0000
IEC0
0094
—
—
ADIE
U1TXIE
U1RXIE
SPI1IE
SPI1EIE
T3IE
T2IE
OC2IE
IC2IE
—
T1IE
OC1IE
IC1IE
INT0IE
0000
IEC1
0096
U2TXIE
U2RXIE
INT2IE
T5IE
T4IE
OC4IE
OC3IE
—
—
—
—
INT1IE
CNIE
AC1IE
MI2C1IE
SI2C1IE
0000
IEC2
0098
—
—
—
—
—
—
—
—
—
IC4IE
IC3IE
—
—
—
SPI2IE
SPI2EIE
0000
IEC3
009A
—
—
—
—
—
QEI1IE
PSEMIE
—
—
INT4IE
INT3IE
—
—
MI2C2IE
SI2C2IE
—
0000
IEC4
009C
—
—
—
—QEI2IE
—
PSESMIE
—
—
—
—
—
—U2EIE
U1EIE
—
0000
IEC5
009E PWM2IE PWM1IE ADCP12IE
—
—
—
—
—
—
—
—
ADCP11IE ADCP10IE ADCP9IE ADCP8IE
—
0000
IEC6
00A0 ADCP1IE ADCP0IE
—
—
—
—
AC4IE
AC3IE
AC2IE
PWM9IE PWM8IE
PWM7IE
PWM6IE
PWM5IE
PWM4IE
PWM3IE
0000
IEC7
00A2
—
—
—
—
—
—
—
—
—
—
ADCP7IE ADCP6IE
ADCP5IE
ADCP4IE ADCP3IE ADCP2IE 0000
IPC0
00A4
—
T1IP<2:0>
—OC1IP<2:0>
—IC1IP<2:0>
—
INT0IP<2:0>
4444
IPC1
00A6
—
T2IP<2:0>
—OC2IP<2:0>
—IC2IP<2:0>
—
—
—
—
4440
IPC2
00A8
—
U1RXIP<2:0>
—
SPI1IP<2:0>
—
SPI1EIP<2:0>
—
T3IP<2:0>
4444
IPC3
00AA
—
—
—
—
—
—
—
—
—
ADIP<2:0>
—
U1TXIP<2:0>
0044
IPC4
00AC
—
CNIP<2:0>
—AC1IP<2:0>
—
MI2C1IP<2:0>
—
SI2C1IP<2:0>
4444
IPC5
00AE
—
—
—
—
—
—
—
—
—
—
—
—
—
INT1IP<2:0>
0004
IPC6
00B0
—
T4IP<2:0>
—OC4IP<2:0>
—OC3IP<2:0>
—
—
—
—
4440
IPC7
00B2
—
U2TXIP<2:0>
—
U2RXIP<2:0>
—
INT2IP<2:0>
—
T5IP<2:0>
4444
IPC8
00B4
—
—
—
—
—
—
—
—
—
SPI2IP<2:0>
—
SPI2EIP<2:0>
0044
IPC9
00B6
—
—
—
—
—IC4IP<2:0>
—IC3IP<2:0>
—
—
—
—
0440
IPC12
00BC
—
—
—
—
—
MI2C2IP<2:0>
—
SI2C2IP<2:0>
—
—
—
—
0440
IPC13
00BE
—
—
—
—
—
INT4IP<2:0>
—
INT3IP<2:0>
—
—
—
—
0440
IPC14
00C0
—
—
—
—
—
QEI1IP<2:0>
—
PSEMIP<2:0>
—
—
—
—
0440
IPC16
00C4
—
—
—
—
—U2EIP<2:0>
—
U1EIP<2:0>
—
—
—
—
0440
IPC18
00C8
—
QEI2IP<2:0>
—
—
—
—
—
PSESMIP<2:0>
—
—
—
—
4040
IPC20
00CC
—
ADCP10IP<2:0>
—
ADCP9IP<2:0>
—
ADCP8IP<2:0>
—
—
—
—
4440
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com