Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 34 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 34 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 30Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 31Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 32Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 33Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 34Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 35Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 36Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 37Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 34
 2009-2012 Microchip Technology Inc.
3.3
Special MCU Features
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 features a 17-bit
by 17-bit single-cycle multiplier that is shared by both
the MCU ALU and DSP engine. The multiplier can per-
form signed, unsigned and mixed sign multiplication.
Using a 17-bit by 17-bit multiplier for 16-bit by 16-bit
multiplication not only allows you to perform mixed sign
multiplication, it also achieves accurate results for
special operations, such as (-1.0) x (-1.0).
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 supports 16/16
and 32/16 divide operations, both fractional and inte-
ger. All divide instructions are iterative operations. They
must be executed within a REPEAT loop, resulting in a
total execution time of 19 instruction cycles. The divide
operation can be interrupted during any of those
19 cycles without loss of data.
A 40-bit barrel shifter is used to perform up to a 16-bit
left or right shift in a single cycle. The barrel shifter can
be used by both MCU and DSP instructions.
FIGURE 3-1:
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 CPU
CORE BLOCK DIAGRAM
Instruction
Decode and
Control
PCH
PCL
Program Counter
16-Bit ALU
24
23
Instruction Reg
PCU
ROM Latch
EA MUX
Interrupt
Controller
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Address
Latch
Control Signals
to Various Blocks
16
16
16
To Peripheral Modules
Data Latch
Address
Latch
16
X RAM
Y RAM
Address Generator Units
16
Y Data Bus
X Data Bus
DSP Engine
Divide Support
16
16
23
23
16
8
PSV and Table
Data Access
Control Block
16
16
16
16
Program Memory
Data Latch
Address Latch
16 x 16
W Register Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com