Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 225 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 225 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 221Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 222Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 223Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 224Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 225Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 226Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 227Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 228Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 225
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
15.0 OUTPUT COMPARE
The output compare module can select either Timer2 or
Timer3 for its time base. The module compares the
value of the timer with the value of one or two Compare
registers depending on the operating mode selected.
The state of the output pin changes when the timer
value matches the Compare register value. The output
compare module generates either a single output
pulse, or a sequence of output pulses, by changing the
state of the output pin on the compare match events.
The output compare module can also generate
interrupts on compare match events.
The output compare module has multiple operating
modes:
• Active-Low One-Shot mode
• Active-High One-Shot mode
• Toggle mode
• Delayed One-Shot mode
• Continuous Pulse mode
• PWM mode without Fault Protection
• PWM mode with Fault Protection
FIGURE 15-1:
OUTPUT COMPARE MODULE BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 13. “Output
Compare” (DS70209) in the “dsPIC33F/
PIC24H Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
OCxR
Comparator
OCM<2:0>
Output Enable
OCx
Set Flag bit
OCxIF
OCxRS
Mode Select
3
0
1
OCTSEL
0
1
16
16
OCFA
TMR2
TMR2
Q
S
R
TMR3
TMR3
Rollover Rollover
Note: An ‘x’ in a signal, register or bit name denotes the number of the output compare channels.
Output
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com