Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 232 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 232 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 228Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 229Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 230Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 231Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 232Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 233Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 234Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 235Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 232
 2009-2012 Microchip Technology Inc.
16.3
Control Registers
The following registers control the operation of the
High-Speed PWM module.
• PTCON: PWM Time Base Control Register
• PTCON2: PWM Clock Divider Select Register 2
• PTPER: Primary Master Time Base Period Register(1,2)
• SEVTCMP: PWM Special Event Compare Register(1)
• STCON: PWM Secondary Master Time Base Control Register
• STCON2: PWM Secondary Clock Divider Select Register 2
• STPER: Secondary Master Time Base Period Register
• SSEVTCMP: PWM Secondary Special Event Compare Register
• CHOP: PWM Chop Clock Generator Register(1)
• MDC: PWM Master Duty Cycle Register(1,2)
• PWMCONx: PWM Control x Register
• PDCx: PWM Generator Duty Cycle x Register(1,2,3)
• PHASEx: PWM Primary Phase Shift x Register(1,2)
• DTRx: PWM Dead-Time x Register
• ALTDTRx: PWM Alternate Dead-Time x Register
• SDCx: PWM Secondary Duty Cycle x Register(1,2,3)
• SPHASEx: PWM Secondary Phase Shift x Register(1,2)
• TRGCONx: PWM Trigger Control x Register
• IOCONx: PWM I/O Control x Register
• FCLCONx: PWM Fault Current-Limit Control x Register
• TRIGx: PWM Primary Trigger x Compare Value Register
• STRIGx: PWM Secondary Trigger x Compare Value Register(1)
• LEBCONx: Leading-Edge Blanking Control x Register
• LEBDLYx: Leading-Edge Blanking Delay x Register
• AUXCONx: PWM Auxiliary Control x Register
• PWMCAPx: Primary PWM Time Base Capture x Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com