Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 237 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 237 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 233Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 234Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 235Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 236Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 237Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 238Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 239Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 240Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 237
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 16-5:
STCON: PWM SECONDARY MASTER TIME BASE CONTROL REGISTER
U-0
U-0
U-0
HS/HC-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
SESTAT
SEIEN
EIPU(1)
SYNCPOL
SYNCOEN
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SYNCEN
SYNCSRC<2:0>
SEVTPS<3:0>
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12
SESTAT: Special Event Interrupt Status bit
1 = Secondary Special Event Interrupt is pending
0 = Secondary Special Event Interrupt is not pending
bit 11
SEIEN: Special Event Interrupt Enable bit
1 = Secondary Special Event Interrupt is enabled
0 = Secondary Special Event Interrupt is disabled
bit 10
EIPU: Enable Immediate Period Updates bit(1)
1 = Active Secondary Period register is updated immediately
0 = Active Secondary Period register updates occur on PWM cycle boundaries
bit 9
SYNCPOL: Synchronize Input and Output Polarity bit
1 = SYNCIx/SYNCO2 polarity is inverted (active-low)
0 = SYNCIx/SYNCO2 polarity is active-high
bit 8
SYNCOEN: Secondary Master Time Base Synchronization Enable bit
1 = SYNCO2 output is enabled.
0 = SYNCO2 output is disabled
bit 7
SYNCEN: External Secondary Master Time Base Synchronization Enable bit
1 = External synchronization of secondary time base is enabled
0 = External synchronization of secondary time base is disabled
bit 6-4
SYNCSRC<2:0>: PWM Secondary Time Base Synchronization Source Selection bits
111 = Reserved
101 = Reserved
100 = Reserved
011 = SYNCI4
010 = SYNCI3
001 = SYNCI2
000 = SYNCI1
bit 3-0
SEVTPS<3:0>: PWM Secondary Special Event Trigger Output Postscaler Select bits
1111 = 1:16 Postcale
0001 = 1:2 Postcale
•
•
•
0000 = 1:1 Postscale
Note 1: This bit only applies to the secondary master time base period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com