Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 243 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 243 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 239Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 240Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 241Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 242Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 243Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 244Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 245Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 246Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 243
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 16-12: PDCx: PWM GENERATOR DUTY CYCLE x REGISTER(1,2,3)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PDCx<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PDCx<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PDCx<15:0>: PWM Generator # Duty Cycle Value bits
Note 1:
In Independent PWM mode, the PDCx register controls the PWMxH duty cycle only. In the Complementary,
Redundant and Push-Pull PWM modes, the PDCx register controls the duty cycle of both the PWMxH and
PWMxL.
2: The smallest pulse width that can be generated on the PWM output corresponds to a value of 0x0008,
while the maximum pulse width generated corresponds to a value of Period – 0x0008.
3: As the duty cycle gets closer to 0% or 100% of the PWM period (0 to 40 ns, depending on the mode of
operation), PWM duty cycle resolution will increase from 1 to 3 LSBs.
REGISTER 16-13: SDCx: PWM SECONDARY DUTY CYCLE x REGISTER(1,2,3)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SDCx<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SDCx<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
SDCx<15:0>: Secondary Duty Cycle bits for PWMxL Output Pin
Note 1: The SDCx register is used in Independent PWM mode only. When used in Independent PWM mode, the
SDCx register controls the PWMxL duty cycle.
2: The smallest pulse width that can be generated on the PWM output corresponds to a value of 0x0008,
while the maximum pulse width generated corresponds to a value of Period – 0x0008.
3: As the duty cycle gets closer to 0% or 100% of the PWM period (0 to 40 ns, depending on the mode of
operation), PWM duty cycle resolution will increase from 1 to 3 LSBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com