Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 258 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 258 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 254Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 255Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 256Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 257Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 258Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 259Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 260Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 261Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 258
 2009-2012 Microchip Technology Inc.
REGISTER 17-1:
QEIxCON: QEIx CONTROL REGISTER (x = 1 or 2)
R/W-0
U-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
CNTERR(1)
—
QEISIDL
INDEX
UPDN(2)
QEIM<2:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SWPAB
PCDOUT
TQGATE
TQCKPS<1:0>(3)
POSRES(4)
TQCS
UPDN_SRC(5)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CNTERR: Count Error Status Flag bit(1)
1 = Position count error has occurred
0 = No position count error has occurred
bit 14
Unimplemented: Read as ‘0’
bit 13
QEISIDL: QEIx Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
INDEX: Index Pin State Status bit (read-only)
1 = Index pin is high
0 = Index pin is low
bit 11
UPDN: Position Counter Direction Status bit(2)
1 = Position counter direction is positive (+)
0 = Position counter direction is negative (-)
bit 10-8
QEIM<2:0>: Quadrature Encoder Interface Mode Select bits
111 = Quadrature Encoder Interface is enabled (x4 mode) with the position counter reset by the match
(MAXxCNT)
110 = Quadrature Encoder Interface is enabled (x4 mode) with the Index Pulse Reset of the position
counter
101 = Quadrature Encoder Interface is enabled (x2 mode) with the position counter reset by the match
(MAXxCNT)
100 = Quadrature Encoder Interface is enabled (x2 mode) with the Index Pulse Reset of the position
counter
011 = Unused (module disabled)
010 = Unused (module disabled)
001 = Starts 16-bit timer
000 = Quadrature Encoder Interface/timer off
bit 7
SWPAB: Phase A and Phase B Input Swap Select bit
1 = Phase A and Phase B inputs are swapped
0 = Phase A and Phase B inputs are not swapped
bit 6
PCDOUT: Position Counter Direction State Output Enable bit
1 = Position counter direction status output is enabled (QEI logic controls state of I/O pin)
0 = Position counter direction status output is disabled (normal I/O pin operation)
Note 1: CNTERR flag only applies when QEIM<2:0> = 110 or 100.
2: Read-only bit when QEIM<2:0> = 1xx. Read/write bit when QEIM<2:0> = 001.
3: Prescaler utilized for 16-Bit Timer mode only.
4: This bit applies only when QEIM<2:0> = 100 or 110.
5: When configured for QEI mode, this control bit is a ‘don’t care’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com