Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 267 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 267 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 263Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 264Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 265Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 266Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 267Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 268Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 269Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 270Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 267
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
19.0 INTER-INTEGRATED CIRCUIT
(I2C™)
The Inter-Integrated Circuit (I2C) module provides
complete hardware support for both Slave and
Multi-Master modes of the I2C serial communication
standard with a 16-bit interface.
The I2C module has a 2-pin interface:
• The SCLx pin is clock.
• The SDAx pin is data.
The I2C module offers the following key features:
•I2C Interface Supporting Both Master and Slave
modes of Operation
•I2C Slave mode Supports 7-Bit and
10-Bit Addressing
•I2C Master mode Supports 7-Bit and
10-Bit Addressing
•I2C Port allows Bidirectional Transfers Between
Master and Slaves
• Serial Clock Synchronization for I2C Port can be
used as a Handshake Mechanism to Suspend
and Resume Serial Transfer (SCLREL control)
•I2C Supports Multi-Master Operation, Detects Bus
Collision and Arbitrates Accordingly
19.1
Operating Modes
The hardware fully implements all the master and slave
functions of the I2C Standard and Fast mode
specifications, as well as 7-bit and 10-bit addressing.
The I2C module can operate either as a slave or a
master on an I2C bus.
The following types of I2C operation are supported:
•I2C slave operation with 7-bit addressing
•I2C slave operation with 10-bit addressing
•I2C master operation with 7-bit or 10-bit addressing
For details about the communication sequence in each
of these modes, refer to the “dsPIC33F/PIC24H Family
Reference Manual”. Please see the Microchip web site
(www.microchip.com) for the latest “dsPIC33F/PIC24H
Family Reference Manual” sections.
19.2
I2C Registers
I2CxCON and I2CxSTAT are control and status
registers, respectively. The I2CxCON register is
readable and writable. The lower six bits of I2CxSTAT
are read-only. The remaining bits of the I2CSTAT are
read/write:
• I2CxRSR is the shift register used for shifting data
internal to the module and the user application
has no access to it.
• I2CxRCV is the receive buffer and the register to
which data bytes are written or from which data
bytes are read.
• I2CxTRN is the transmit register to which bytes
are written during a transmit operation.
• The I2CxADD register holds the slave address.
• A status bit, ADD10, indicates 10-Bit Addressing
mode.
• The I2CxBRG acts as the Baud Rate Generator
(BRG) reload value.
In receive operations, I2CxRSR and I2CxRCV together
form a double-buffered receiver. When I2CxRSR
receives a complete byte, it is transferred to I2CxRCV
and an interrupt pulse is generated.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to
be a comprehensive reference source.
To complement the information in this
data sheet, refer to Section 19.
“Inter-Integrated
Circuit
(I2C™)”
(DS70195) in the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com