Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 281 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 281 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 277Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 278Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 279Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 280Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 281Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 282Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 283Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 284Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 281
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
21.0 ENHANCED CAN (ECAN™)
MODULE
21.1
Overview
The Enhanced Controller Area Network (ECAN™)
module is a serial interface, useful for communicating with
other CAN modules or microcontroller devices. This inter-
face/protocol was designed to allow communications
within noisy environments. The dsPIC33FJ32GS406/
606/608/610
and
dsPIC33FJ64GS406/606/608/610
devices contain up to two ECAN modules.
The ECAN module is a communication controller imple-
menting the CAN 2.0 A/B protocol, as defined in the
BOSCH CAN specification. The module supports
CAN 1.2, CAN 2.0A, CAN 2.0B Passive and CAN 2.0B
Active versions of the protocol. The module implementa-
tion is a full CAN system. The CAN specification is not
covered within this data sheet. The reader can refer to
the BOSCH CAN specification for further details.
The module features are as follows:
• Implementation of the CAN Protocol, CAN 1.2,
CAN 2.0A and CAN 2.0B
• Standard and Extended Data Frames
• 0-8 Bytes Data Length
• Programmable Bit Rate, up to 1 Mbit/sec
• Automatic Response to Remote Transmission
Requests
• Up to 8 Transmit Buffers with Application-Specified
Prioritization and Abort Capability (each buffer can
contain up to 8 bytes of data)
• Up to 32 Receive Buffers (each buffer can contain
up to 8 bytes of data)
• Up to 16 Full (standard/extended identifier)
Acceptance Filters
• Three Full Acceptance Filter Masks
• DeviceNet™ Addressing Support
• Programmable Wake-up Functionality with
Integrated Low-Pass Filter
• Programmable Loopback mode Supports
Self-Test Operation
• Signaling via Interrupt Capabilities for all CAN
Receiver and Transmitter Error States
• Programmable Clock Source
• Programmable Link to Input Capture module (IC2
for CAN1) for Time-Stamping and Network
Synchronization
• Low-Power Sleep and Idle mode
The CAN bus module consists of a protocol engine and
message buffering/control. The CAN protocol engine
handles all functions for receiving and transmitting
messages on the CAN bus. Messages are transmitted
by first loading the appropriate data registers. Status
and errors can be checked by reading the appropriate
registers. Any message detected on the CAN bus is
checked for errors and then matched against filters to
see if it should be received and stored in one of the
receive registers.
21.2
Frame Types
The ECAN module transmits various types of frames
which include data messages, or remote transmission
requests initiated by the user, as other frames that are
automatically generated for control purposes. The
following frame types are supported:
• Standard Data Frame: A standard data frame is
generated by a node when the node wishes to
transmit data. It includes an 11-bit Standard Identifier
(SID), but not an 18-bit Extended Identifier (EID).
• Extended Data Frame: An extended data frame is
similar to a standard data frame, but includes an
extended identifier as well.
• Remote Frame: It is possible for a destination
node to request the data from the source. For this
purpose, the destination node sends a remote
frame with an identifier that matches the identifier
of the required data frame. The appropriate data
source node sends a data frame as a response to
this remote request.
• Error Frame: An error frame is generated by any
node that detects a bus error. An error frame con-
sists of two fields: an error flag field and an error
delimiter field.
• Overload Frame: An overload frame can be gen-
erated by a node as a result of two conditions.
First, the node detects a dominant bit during inter-
frame space which is an illegal condition. Second,
due to internal conditions, the node is not yet able
to start reception of the next message. A node
can generate a maximum of 2 sequential overload
frames to delay the start of the next message.
• Interframe Space: Interframe space separates a
proceeding frame (of whatever type) from a
following data or remote frame.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 21. “Enhanced
Controller Area Network (ECAN™)”
(DS70185) in the dsPIC33F/PIC24H
Family Reference Manual, which is avail-
able from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com