Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 310 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 310 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 306Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 307Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 308Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 309Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 310Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 311Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 312Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 313Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 310
 2009-2012 Microchip Technology Inc.
22.3
Module Functionality
The High-Speed, 10-Bit ADC is designed to support
power conversion applications when used with the
High-Speed PWM module. The ADC may have one or
two SAR modules, depending on the device variant. If
two SARs are present on a device, two conversions
can be processed at a time, yielding 4 Msps conversion
rate. If only one SAR is present on a device, only one
conversion can be processed at a time, yielding 2 Msps
conversion rate. The High-Speed, 10-Bit ADC produces
two 10-bit conversion results in a 0.5 microsecond.
The ADC module supports up to 24 external analog
inputs and two internal analog inputs. To monitor
reference voltage, two internal inputs, AN24 and AN25,
are connected to EXTREF and INTREF, respectively.
The analog reference voltage is defined as the device
supply voltage (AVDD/AVSS).
The ADC module uses the following control and status
registers:
• ADCON: ADC Control Register
• ADSTAT: ADC Status Register
• ADBASE: ADC Base Register(1,2)
• ADPCFG: ADC Port Configuration Register
• ADPCFG2: ADC Port Configuration Register 2
• ADCPC0: ADC Convert Pair Control Register 0
• ADCPC1: ADC Convert Pair Control Register 1
• ADCPC2: ADC Convert Pair Control Register 2
• ADCPC3: ADC Convert Pair Control Register 3
• ADCPC4: ADC Convert Pair Control Register 4
• ADCPC5: ADC Convert Pair Control Register 5
• ADCPC6: ADC Convert Pair Control Register 6(2)
The ADCON register controls the operation of the
ADC module. The ADSTAT register displays the
status of the conversion processes. The ADPCFG
registers configure the port pins as analog inputs or
as digital I/O. The ADCPCx registers control the
triggering of the ADC conversions. See Register 22-1
through Register 22-12 for detailed bit configurations.
Note:
A unique feature of the ADC module is its
ability to sample inputs in an asynchro-
nous manner. Individual sample and hold
circuits can be triggered independently of
each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com