Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 382 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 382 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 378Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 379Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 380Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 381Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 382Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 383Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 384Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 385Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 386Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 382
 2009-2012 Microchip Technology Inc.
FIGURE 27-3:
I/O TIMING CHARACTERISTICS
Note: Refer to Figure 27-1 for load conditions.
I/O Pin
(Input)
I/O Pin
(Output)
DI35
Old Value
New Value
DI40
DO31
DO32
TABLE 27-21: I/O TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
DO31
TIOR
Port Output Rise Time
4x Source Driver Pins – RA0-RA7,
RA14, RA15, RB0-RB15, RC1-RC4,
RC12-RC14, RD0-RD2, RD8-RD12,
RD14, RD15, RE8, RE9, RF0-RF8,
RF12, RF13, RG0-RG3, RG6-RG9,
RG14, RG15
—
10
25
ns
Refer to Figure 27-1
for test conditions
8x Source Driver Pins – RC15
—
8
20
ns
16x Source Driver Pins – RE0-RE7,
RG12, RG13
—
6
15
ns
DO32
TIOF
Port Output Fall Time
4x Source Driver Pins – RA0-RA7,
RA14, RA15, RB0-RB15, RC1-RC4,
RC12-RC14, RD0-RD2, RD8-RD12,
RD14, RD15, RE8, RE9, RF0-RF8,
RF12, RF13, RG0-RG3, RG6-RG9,
RG14, RG15
—
10
25
ns
Refer to Figure 27-1
for test conditions
8x Source Driver Pins – RC15
—
8
20
ns
16x Source Driver Pins – RE0-RE7,
RG12, RG13
—
6
15
ns
DI35
TINP
INTx Pin High or Low Time (input)
20
—
—
ns
DI40
TRBP
CNx High or Low Time (input)
2
—
—
TCY
Note 1: Data in “Typ” column is at 3.3V, +25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com