Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 389 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 389 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 385Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 386Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 387Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 388Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 389Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 390Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 391Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 392Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 393Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 389
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
FIGURE 27-9:
HIGH-SPEED PWMx MODULE FAULT TIMING CHARACTERISTICS
FIGURE 27-10:
HIGH-SPEED PWMx MODULE TIMING CHARACTERISTICS
FLTx
PWMx
MP20
MP30
PWMx
MP11 MP10
Note: Refer to Figure 27-1 for load conditions.
TABLE 27-29: HIGH-SPEED PWMx MODULE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
MP10
TFPWM
PWMx Output Fall Time
—
2.5
—
ns
MP11
TRPWM
PWMx Output Rise Time
—
2.5
—
ns
MP20
TFD
Fault Input
 to PWMx
I/O Change
—
—
15
ns
DTC<10> = 10
MP30
TFH
Minimum PWMx Fault Pulse
Width
8—
—
ns
MP31
TPDLY
Tap Delay
1.04
—
—
ns
ACLK = 120 MHz
MP32
ACLK
PWMx Input Clock
—
—
120
MHz
See Note 2
Note 1: These parameters are characterized but not tested in manufacturing.
2: This parameter is a maximum allowed input clock for the PWM module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com