Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 177 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 177 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 173Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 174Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 175Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 176Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 177Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 178Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 179Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 180Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 177
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
8.0
DIRECT MEMORY ACCESS
(DMA)
Direct Memory Access (DMA) is a very efficient
mechanism of copying data between peripheral SFRs
(e.g., the UART Receive register and Input Capture 1
buffer) and buffers or variables stored in RAM, with
minimal CPU intervention. The DMA Controller
(DMAC) can automatically copy entire blocks of data
without requiring the user software to read or write the
peripheral Special Function Registers (SFRs) every
time a peripheral interrupt occurs. The DMA Controller
uses a dedicated bus for data transfers and, therefore,
does not steal cycles from the code execution flow of
the CPU. To exploit the DMA capability, the
corresponding user buffers or variables must be
located in DMA RAM.
The peripherals that can utilize DMA are listed in
Table 8-1 along with their associated Interrupt Request
(IRQ) numbers.
TABLE 8-1:
DMA CONTROLLER CHANNEL TO PERIPHERAL ASSOCIATIONS
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 22.
“Direct
Memory
Access
(DMA)”
(DS70182) in the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
The DMA module is not available on
dsIPC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406 devices.
Peripheral to DMA Association
DMAxREQ Register
IRQSEL<6:0> Bits
DMAxPAD Register
Values to Read from
Peripheral
DMAxPAD Register
Values to Write to
Peripheral
INT0 – External Interrupt 0
0000000
——
IC1 – Input Capture 1
0000001
0x0140 (IC1BUF)
—
IC2 – Input Capture 2
0000101
0x0144 (IC2BUF)
—
IC3 – Input Capture 3
0100101
0x0148 (IC3BUF)
—
IC4 – Input Capture 4
0100110
0x014C (IC4BUF)
—
OC1 – Output Compare 1 Data
0000010
—
0x0182 (OC1R)
OC1 – Output Compare 1 Secondary Data
0000010
—
0x0180 (OC1RS)
OC2 – Output Compare 2 Data
0000110
—
0x0188 (OC2R)
OC2 – Output Compare 2 Secondary Data
0000110
—
0x0186 (OC2RS)
OC3 – Output Compare 3 Data
0011001
—
0x018E (OC3R)
OC3 – Output Compare 3 Secondary Data
0011001
—
0x018C (OC3RS)
OC4 – Output Compare 4 Data
0011010
—
0x0194 (OC4R)
OC4 – Output Compare 4 Secondary Data
0011010
—
0x0192 (OC4RS)
TMR2 – Timer2
0000111
——
TMR3 – Timer3
0001000
——
TMR4 – Timer4
0011011
——
TMR5 – Timer5
0011100
——
SPI1 – Transfer Done
0001010
0x0248 (SPI1BUF)
0x0248 (SPI1BUF)
SPI2 – Transfer Done
0100001
0x0268 (SPI2BUF)
0x0268 (SPI2BUF)
UART1RX – UART1 Receiver
0001011
0x0226 (U1RXREG)
—
UART1TX – UART1 Transmitter
0001100
—
0x0224 (U1TXREG)
UART2RX – UART2 Receiver
0011110
0x0236 (U2RXREG)
—
UART2TX – UART2 Transmitter
0011111
—
0x0234 (U2TXREG)
ECAN1 – RX Data Ready
0100010
0x0640 (C1RXD)
—
ECAN1 – TX Data Request
1000110
—
0x0642 (C1TXD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com