Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC33FJ64GS406 Datasheet(PDF) 199 Page - Microchip Technology

Part # dsPIC33FJ64GS406
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 199 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 195Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 196Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 197Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 198Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 199Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 200Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 201Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 202Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 199
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
9.5
Clock Switching Operation
Applications are free to switch among any of the four
clock sources (primary, LP, FRC and LPRC) under
software control at any time. To limit the possible side
effects of this flexibility, dsPIC33FJ32GS406/606/608/
610 and dsPIC33FJ64GS406/606/608/610 devices
have a safeguard lock built into the switch process.
9.5.1
ENABLING CLOCK SWITCHING
To enable clock switching, the FCKSM1 Configuration
bit in the Configuration register must be programmed to
‘0’. (Refer to Section 24.1 “Configuration Bits” for
further details.) If the FCKSM1 Configuration bit is
unprogrammed (‘1’), the clock switching function and
Fail-Safe Clock Monitor function are disabled. This is
the default setting.
The NOSC control bits (OSCCON<10:8>) do not
control the clock selection when clock switching is
disabled. However, the COSC bits (OSCCON<14:12>)
reflect the clock source selected by the FNOSC
Configuration bits.
The OSWEN control bit (OSCCON<0>) has no effect
when clock switching is disabled. It is held at ‘0’ at all
times.
9.5.2
OSCILLATOR SWITCHING SEQUENCE
To perform a clock switch, the following basic sequence
is required:
1.
If desired, read the COSCx bits (OSCCON<14:12>)
to determine the current oscillator source.
2.
Perform the unlock sequence to allow a write to
the OSCCON register high byte.
3.
Write the appropriate value to the NOSCx control
bits (OSCCON<10:8>) for the new oscillator
source.
4.
Perform the unlock sequence to allow a write to
the OSCCON register low byte.
5.
Set the OSWEN bit (OSCCON<0>) to initiate the
oscillator switch.
Once the basic sequence is completed, the system
clock hardware responds automatically as follows:
1.
The clock switching hardware compares the
COSCx status bits with the new value of the
NOSCx control bits. If they are the same, the clock
switch is a redundant operation. In this case, the
OSWEN bit is cleared automatically and the clock
switch is aborted.
2.
If a valid clock switch has been initiated, the LOCK
(OSCCON<5>) and the CF (OSCCON<3>) status
bits are cleared.
3.
The new oscillator is turned on by the hardware if
it is not currently running. If a crystal oscillator
must be turned on, the hardware waits until the
Oscillator Start-up Timer (OST) expires. If the new
source is using the PLL, the hardware waits until a
PLL lock is detected (LOCK = 1).
4.
The hardware waits for 10 clock cycles from the
new clock source and then performs the clock
switch.
5.
The hardware clears the OSWEN bit to indicate a
successful clock transition. In addition, the NOSCx
bit values are transferred to the COSCx status bits.
6.
The old clock source is turned off at this time, with
the exception of LPRC (if WDT or FSCM are
enabled) or LP (if LPOSCEN remains set).
9.6
Fail-Safe Clock Monitor (FSCM)
The Fail-Safe Clock Monitor (FSCM) allows the device
to continue to operate even in the event of an oscillator
failure. The FSCM function is enabled by programming.
If the FSCM function is enabled, the LPRC internal
oscillator runs at all times (except during Sleep mode)
and is not subject to control by the Watchdog Timer.
In the event of an oscillator failure, the FSCM
generates a clock failure trap event and switches the
system clock over to the FRC oscillator. Then, the
application program can either attempt to restart the
oscillator or execute a controlled shutdown. The trap
can be treated as a Warm Reset by simply loading the
Reset address into the oscillator fail trap vector.
If the PLL multiplier is used to scale the system clock,
the internal FRC is also multiplied by the same factor
on clock failure. Essentially, the device switches to
FRC with PLL on a clock failure.
Note:
Primary oscillator mode has three different
submodes (XT, HS and EC), which are
determined by the POSCMD<1:0> Config-
uration bits. While an application can
switch to and from primary oscillator
mode in software, it cannot switch among
the different primary submodes without
reprogramming the device.
Note 1: The processor continues to execute code
throughout the clock switching sequence.
Timing-sensitive code should not be
executed during this time.
2: Direct clock switches between any pri-
mary oscillator mode with PLL and
FRCPLL mode are not permitted. This
applies to clock switches in either direc-
tion. In these instances, the application
must switch to FRC mode as a transition
clock source between the two PLL modes.
3: Refer to Section 42. “Oscillator (Part IV)”
(DS70307) in the “dsPIC33F/PIC24H
Family Reference Manual” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com