Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6H71 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP6H71
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H71 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP6H71 Datasheet HTML 34Page - Microchip Technology MCP6H71 Datasheet HTML 35Page - Microchip Technology MCP6H71 Datasheet HTML 36Page - Microchip Technology MCP6H71 Datasheet HTML 37Page - Microchip Technology MCP6H71 Datasheet HTML 38Page - Microchip Technology MCP6H71 Datasheet HTML 39Page - Microchip Technology MCP6H71 Datasheet HTML 40Page - Microchip Technology MCP6H71 Datasheet HTML 41Page - Microchip Technology MCP6H71 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 39
MCP6H71/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6H71:
Single Op Amp
MCP6H71T:
Single Op Amp (Tape and Reel)
(SOIC and 2x3 TDFN)
MCP6H72:
Dual Op Amp
MCP6H72T:
Dual Op Amp (Tape and Reel)
(SOIC and 2x3 TDFN)
MCP6H74:
Quad Op Amp
MCP6H74T:
Quad Op Amp (Tape and Reel)
(SOIC and TSSOP)
Temperature Range:
E
= -40°C to +125°C (Extended)
Package:
MNY* = Plastic Dual Flat, No Lead, (2x3 TDFN),
8-lead (TDFN)
SN
= Lead Plastic Small Outline (150 mil Body),
8-lead (SOIC)
SL
= Plastic Small Outline, (150 mil Body),
14-lead (SOIC)
ST
= Plastic Thin Shrink Small Outline (150 mil Body),
14-lead (TSSOP)
* Y = Nickel palladium gold manufacturing designator. Only
available on the TDFN package.
PART NO.
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6H71-E/SN:
Extended Temp.,
8LD SOIC pkg.
b)
MCP6H71T-E/SN:
Tape and Reel,
Extended Temp.,
8LD SOIC pkg.
c)
MCP6H71T-E/MNY:
Tape and Reel,
Extended Temp.,
8LD 2x3 TDFN pkg.
d)
MCP6H72-E/SN:
Extended Temp.,
8LD SOIC pkg.
e)
MCP6H72T-E/SN:
Tape and Reel,
Extended Temp.,
8LD SOIC pkg.
f)
MCP6H72T-E/MNY:
Tape and Reel,
Extended Temp.,
8LD 2x3 TDFN pkg.
g)
MCP6H74-E/SL:
Extended Temp.,
14LD SOIC pkg.
h)
MCP6H74T-E/SL:
Tape and Reel,
Extended Temp.,
14LD SOIC pkg.
i)
MCP6H74-E/ST:
Extended Temp.,
14LD TSSOP pkg.
j)
MCP6H74T-E/ST:
Tape and Reel,
Extended Temp.,
14LD TSSOP pkg.
-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com