Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6H71 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6H71
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H71 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6H71 Datasheet HTML 15Page - Microchip Technology MCP6H71 Datasheet HTML 16Page - Microchip Technology MCP6H71 Datasheet HTML 17Page - Microchip Technology MCP6H71 Datasheet HTML 18Page - Microchip Technology MCP6H71 Datasheet HTML 19Page - Microchip Technology MCP6H71 Datasheet HTML 20Page - Microchip Technology MCP6H71 Datasheet HTML 21Page - Microchip Technology MCP6H71 Datasheet HTML 22Page - Microchip Technology MCP6H71 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 19
MCP6H71/2/4
4.6
PCB Surface Leakage
In applications where low-input bias current is critical,
PCB surface leakage effects need to be considered.
Surface leakage is caused by humidity, dust or other
contamination on the board. Under low-humidity condi-
tions, a typical resistance between nearby traces is
1012
. A 15V difference would cause 15 pA of current
to flow, which is greater than the MCP6H71/2/4 family’s
bias current at +25°C (10 pA, typical).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-7.
FIGURE 4-7:
Example Guard Ring Layout
for Inverting Gain.
1.
Non-Inverting Gain and Unity-Gain Buffer:
a.Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b.Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
Common mode input voltage.
2.
Inverting
Gain
and
Transimpedance
Gain
Amplifiers (convert current to voltage, such as
photo detectors):
a.Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b.Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
4.7
Application Circuits
4.7.1
DIFFERENCE AMPLIFIER
The MCP6H71/2/4 op amps can be used in current
sensing applications. Figure 4-8 shows a resistor
(RSEN) that converts the sensor current (ISEN) to
voltage, as well as a difference amplifier that amplifies
the voltage across the resistor while rejecting common
mode noise. R1 and R2 must be well matched to obtain
an
acceptable
Common
Mode
Rejection
Ratio
(CMRR). Moreover, RSEN should be much smaller than
R1 and R2 in order to minimize the resistive loading of
the source.
To ensure proper operation, the op amp common mode
input voltage must be kept within the allowed range.
The reference voltage (VREF) is supplied by a
low-impedance source. In single-supply applications,
VREF is typically VDD/2.
.
FIGURE 4-8:
High-Side Current Sensing
Using Difference Amplifier.
Guard Ring
VIN–VIN+
VSS
R1
VOUT
R2
R1
RSEN
ISEN
RSEN << R1, R2
V
OUT
V
1
V
2
–

R
2
R
1
------


V
REF
+
=
VREF
R2
VDD
MCP6H71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com