Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6H72 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6H72
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H72 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6H72 Datasheet HTML 17Page - Microchip Technology MCP6H72 Datasheet HTML 18Page - Microchip Technology MCP6H72 Datasheet HTML 19Page - Microchip Technology MCP6H72 Datasheet HTML 20Page - Microchip Technology MCP6H72 Datasheet HTML 21Page - Microchip Technology MCP6H72 Datasheet HTML 22Page - Microchip Technology MCP6H72 Datasheet HTML 23Page - Microchip Technology MCP6H72 Datasheet HTML 24Page - Microchip Technology MCP6H72 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 21
MCP6H71/2/4
5.0
DESIGN AIDS
Microchip Technology Inc. provides the basic design
tools needed for the MCP6H71/2/4 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6H71/2/4
op amp is available on the Microchip web site at
www.microchip.com. The model was written and tested
in PSpice, owned by Orcad (Cadence®). For other
simulators, translation may be required.
The model covers a wide aspect of the op amp’s
electrical specifications. Not only does the model cover
voltage, current and resistance of the op amp, but it
also covers the temperature and noise effects on the
behavior of the op amp. The model has not been
verified outside the specification range listed in the op
amp data sheet. The model behaviors under these
conditions cannot be guaranteed to match the actual
op amp performance.
Moreover, the model is intended to be an initial design
tool. Bench testing is a very important part of any
design and cannot be replaced with simulations. Also,
simulation results using this macro model need to be
validated by comparing them to the data sheet
specifications and characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab software is an innovative software
tool that simplifies analog active filter (using op amps)
design. Available at no cost from the Microchip web site
at www.microchip.com/filterlab, the FilterLab design
tool provides full schematic diagrams of the filter circuit
with component values. It also outputs the filter circuit
in SPICE format, which can be used with the macro
model to simulate actual filter performance.
5.3
MAPS (Microchip Advanced Part
Selector)
MAPS is a software tool that helps semiconductor
professionals efficiently identify Microchip devices that
fit a particular design requirement. Available at no cost
on the Microchip web site at www.microchip.com/maps,
MAPS is an overall selection tool for Microchip’s product
portfolio that includes analog, memory, MCUs and DSCs.
Using this tool, you can define a filter to sort features for
a parametric search of devices and export side-by-side
technical comparison reports. Helpful links are also
provided for data sheets, purchases and sampling of
Microchip parts.
5.4
Analog Demonstration and
Evaluation Boards
Microchip
offers
a
broad
spectrum
of
Analog
Demonstration and Evaluation Boards that are designed
to help you achieve faster time to market. For a com-
plete listing of these boards and their corresponding
user’s guides and technical information, visit the
Microchip web site: www.microchip.com/analogtools.
Some boards that are especially useful include:
• MCP6XXX Amplifier Evaluation Board 1
• MCP6XXX Amplifier Evaluation Board 2
• MCP6XXX Amplifier Evaluation Board 3
• MCP6XXX Amplifier Evaluation Board 4
• Active Filter Demo Board Kit
• 5/6-Pin SOT-23 Evaluation Board, part number
VSUPEV2
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board,
part number SOIC8EV
5.5
Application Notes
The following Microchip analog design note and appli-
cation notes are available on the Microchip web site at
www.microchip.com/appnotes, and are recommended
as supplemental reference resources.
• ADN003: “Select the Right Operational Amplifier
for your Filtering Circuits”, DS21821
• AN722: “Operational Amplifier Topologies and DC
Specifications”, DS00722
• AN723: “Operational Amplifier AC Specifications
and Applications”, DS00723
• AN884: “Driving Capacitive Loads With Op
Amps”, DS00884
• AN990: “Analog Sensor Conditioning Circuits –
An Overview”, DS00990
• AN1177: “Op Amp Precision Design: DC Errors”,
DS01177
• AN1228: “Op Amp Precision Design: Random
Noise”, DS01228
• AN1297: “Microchip’s Op Amp SPICE Macro
Models”’ DS01297
• AN1332: “Current Sensing Circuit Concepts and
Fundamentals”’ DS01332
These application notes and others are listed in:
• “Signal Chain Design Guide”, DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com