Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6H72 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6H72
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H72 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6H72 Datasheet HTML 1Page - Microchip Technology MCP6H72 Datasheet HTML 2Page - Microchip Technology MCP6H72 Datasheet HTML 3Page - Microchip Technology MCP6H72 Datasheet HTML 4Page - Microchip Technology MCP6H72 Datasheet HTML 5Page - Microchip Technology MCP6H72 Datasheet HTML 6Page - Microchip Technology MCP6H72 Datasheet HTML 7Page - Microchip Technology MCP6H72 Datasheet HTML 8Page - Microchip Technology MCP6H72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 1
MCP6H71/2/4
Features:
• Input Offset Voltage: ±1 mV (typical)
• Quiescent Current: 480 µA (typical)
• Common Mode Rejection Ratio: 103 dB (typical)
• Power Supply Rejection Ratio: 105 dB (typical)
• Rail-to-Rail Output
• Supply Voltage Range:
- Single-Supply Operation: 3.5V to 12V
- Dual-Supply Operation: ±1.75V to ±6V
• Gain Bandwidth Product: 2.7 MHz (typical)
• Slew Rate: 2 V/µs (typical)
• Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
Applications:
• Automotive Power Electronics
• Industrial Control Equipment
• Battery Powered Systems
• Sensor Conditioning
Design Aids:
• SPICE Macro Models
•FilterLab® Software
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description:
Microchip’s
MCP6H71/2/4
family
of
operational
amplifiers (op amps) has a wide supply voltage range
of 3.5V to 12V and rail-to-rail output operation. This
family is unity gain stable and has a gain bandwidth
product of 2.7 MHz (typical). These devices operate
with a single-supply voltage as high as 12V, while only
drawing 480 µA/amplifier (typical) of quiescent current.
The
MCP6H71/2/4
family
is
offered
in
single
(MCP6H71), dual (MCP6H72) and quad (MCP6H74)
configurations. All devices are fully specified in
extended temperature range from -40°C to +125°C.
Package Types
Difference Amplifier
R1
VOUT
R2
R1
VREF
R2
VDD
V1
V2
MCP6H71
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1
2
3
4
8
7
6
5
EP
9
VDD
VOUT
NC
NC
VIN+
VIN–
VSS
NC
1
2
3
4
8
7
6
5
EP
9
VOUTB
VINB–
VINB+
VDD
VINA+
VINA–
VSS
VOUTA
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
VIN+
VIN–
VSS
1
2
3
4
8
7
6
5
NC
NC
VDD
VOUT
NC
MCP6H71
SOIC
MCP6H72
SOIC
MCP6H71
2x3 TDFN
MCP6H72
2x3 TDFN
MCP6H74
SOIC, TSSOP
VINA+
VINA–
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND–
VIND+
VSS
VINB+ 5
10 VINC+
VINB– 6
9
VOUTB 7
8 VOUTC
VINC–
2.7 MHz, 12V Op Amps


Similar Part No. - MCP6H72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01 Datasheet
1Mb / 40P
1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 40P
1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H04 MICROCHIP-MCP6H04 Datasheet
1Mb / 40P
1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
More results

Similar Description - MCP6H72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP661 MICROCHIP-MCP661 Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
MCP631 MICROCHIP-MCP631 Datasheet
826Kb / 42P
24 MHz, 2.5 mA Op Amps
2009
MCP6401 MICROCHIP-MCP6401 Datasheet
497Kb / 28P
1 MHz, 45 A Op Amps
2009
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
logo
3PEAK INC.
TP1671 3PEAK-TP1671 Datasheet
1Mb / 15P
12V, 7MHz, 20V/關s Op Amps
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
10 MHz, 850 μA Op Amps
Revision C October 2019
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com