Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515T-E/ML Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP2515T-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515T-E/ML Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP2515T-E/ML Datasheet HTML 55Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 56Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 57Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 58Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 59Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 60Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 61Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 62Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 59
MCP2515
10.0
MODES OF OPERATION
The MCP2515 has five modes of operation. These
modes are:
1.
Configuration mode
2.
Normal mode
3.
Sleep mode
4.
Listen-Only mode
5.
Loopback mode
The
operational
mode
is
selected
via
the
CANCTRL. REQOP bits (see Register 10-1).
When changing modes, the mode will not actually
change until all pending message transmissions are
complete. The requested mode must be verified by
reading
the
CANSTAT.OPMODE
bits
(see
Register 10-2).
10.1
Configuration Mode
The MCP2515 must be initialized before activation.
This is only possible if the device is in the Configuration
mode. Configuration mode is automatically selected
after power-up, a Reset or can be entered from any
other mode by setting the CANTRL.REQOP bits to
‘100’. When Configuration mode is entered, all error
counters are cleared. Configuration mode is the only
mode where the following registers are modifiable:
• CNF1, CNF2, CNF3
• TXRTSCTRL
• Filter registers
• Mask registers
10.2
Sleep Mode
The MCP2515 has an internal Sleep mode that is used
to minimize the current consumption of the device. The
SPI interface remains active for reading even when the
MCP2515 is in Sleep mode, allowing access to all
registers.
To enter Sleep mode, the mode request bits are set in
the
CANCTRL
register
(REQOP<2:0>).
The
CANSTAT.OPMODE bits indicate operation mode.
These bits should be read after sending the Sleep
command to the MCP2515. The MCP2515 is active
and has not yet entered Sleep mode until these bits
indicate that Sleep mode has been entered.
When in internal Sleep mode, the wake-up interrupt is
still active (if enabled). This is done so that the MCU
can also be placed into a Sleep mode and use the
MCP2515 to wake it up upon detecting activity on the
bus.
When in Sleep mode, the MCP2515 stops its internal
oscillator. The MCP2515 will wake-up when bus activity
occurs or when the MCU sets, via the SPI interface, the
CANINTF.WAKIF bit to ‘generate’ a wake-up attempt
(the CANINTE.WAKIE bit must also be set in order for
the wake-up interrupt to occur).
The TXCAN pin will remain in the recessive state while
the MCP2515 is in Sleep mode.
10.2.1
WAKE-UP FUNCTIONS
The device will monitor the RXCAN pin for activity while
it is in Sleep mode. If the CANINTE.WAKIE bit is set,
the device will wake-up and generate an interrupt.
Since the internal oscillator is shut down while in Sleep
mode, it will take some amount of time for the oscillator
to start-up and the device to enable itself to receive
messages. This Oscillator Start-up Timer (OST) is
defined as 128 TOSC.
The device will ignore the message that caused the
wake-up from Sleep mode, as well as any messages
that occur while the device is ‘waking up’. The device
will wake-up in Listen-Only mode. The MCU must set
Normal mode before the MCP2515 will be able to
communicate on the bus.
The device can be programmed to apply a low-pass
filter function to the RXCAN input line while in internal
Sleep mode. This feature can be used to prevent the
device from waking up due to short glitches on the CAN
bus lines. The CNF3.WAKFIL bit enables or disables
the filter.
10.3
Listen-Only Mode
Listen-Only mode provides a means for the MCP2515
to receive all messages (including messages with
errors) by configuring the RXBnCTRL.RXM<1:0> bits.
This mode can be used for bus monitor applications or
for detecting the baud rate in ‘hot plugging’ situations.
For auto-baud detection, it is necessary that at least
two other nodes are communicating with each other.
The baud rate can be detected empirically by testing
different values until valid messages are received.
Listen-Only mode is a silent mode, meaning no
messages will be transmitted while in this mode
(including error flags or acknowledge signals). In
Listen-Only mode, both valid and invalid messages will
be received regardless of filters and masks or RXMn
Receive Buffer mode bits. The error counters are reset
and deactivated in this state. The Listen-Only mode is
activated by setting the mode request bits in the
CANCTRL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com