Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515T-E/ML Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2515T-E/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515T-E/ML Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2515T-E/ML Datasheet HTML 15Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 16Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 17Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 18Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 19Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 20Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 21Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 22Page - Microchip Technology MCP2515T-E/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 19
MCP2515
REGISTER 3-2:
TXRTSCTRL – TXnRTS PIN CONTROL AND STATUS REGISTER
(ADDRESS: 0Dh)
U-0
U-0
R-x
R-x
R-x
R/W-0
R/W-0
R/W-0
—
—
B2RTS
B1RTS
B0RTS
B2RTSM
B1RTSM
B0RTSM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
B2RTS: TX2RTS Pin State bit
- Reads state of TX2RTS pin when in Digital Input mode
- Reads as ‘0’ when pin is in ‘Request-to-Send’ mode
bit 4
B1RTS: TX1RTX Pin State bit
- Reads state of TX1RTS pin when in Digital Input mode
- Reads as ‘0’ when pin is in ‘Request-to-Send’ mode
bit 3
B0RTS: TX0RTS Pin State bit
- Reads state of TX0RTS pin when in Digital Input mode
- Reads as ‘0’ when pin is in ‘Request-to-Send’ mode
bit 2
B2RTSM: TX2RTS Pin mode bit
1
= Pin is used to request message transmission of TXB2 buffer (on falling edge)
0
= Digital input
bit 1
B1RTSM: TX1RTS Pin mode bit
1
= Pin is used to request message transmission of TXB1 buffer (on falling edge)
0
= Digital input
bit 0
B0RTSM: TX0RTS Pin mode bit
1
= Pin is used to request message transmission of TXB0 buffer (on falling edge)
0
= Digital input
REGISTER 3-3:
TXBnSIDH – TRANSMIT BUFFER n STANDARD IDENTIFIER HIGH
(ADDRESS: 31h, 41h, 51h)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
SID<10:3>: Standard Identifier bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com