Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S150K25SL0P6. Datasheet(PDF) 7 Page - Vishay Siliconix

Part # S150K25SL0P6.
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S150K25SL0P6. Datasheet(HTML) 7 Page - Vishay Siliconix

  S150K25SL0P6. Datasheet HTML 1Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 2Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 3Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 4Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 5Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 6Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 7Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 8Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
59
S Series
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Vishay BCcomponents
Notes
(1)
SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Z5U
680
± 20
13.5
10
3.0
S681M53Z5UU83L0.
1000
15
S102M59Z5UU83L0.
1500
17.5
S152M69Z5UU83L0.
2200
19
S222M75Z5UU83L0.
ORDERING INFORMATION CLASS 6 kVDC, KINKED
PACKAGING
PACKAGING
TYPE
SIZE
CODE
LEAD SPACE
(mm)
VOLTAGE
(VDC)
SPQ
BOX DIMENSIONS
L x W x H
(mm)
Bulk
(long lead L
≥ 25.4 mm
20 to 47
all
all
1000
245 x 120 x 65
1000
1000
53 to 75
500
84 to 96
250
Tape and reel
≤ 47
≤ 6.40
< 500
2500
370 x 370 x 60
500
≤ WV ≤ 2000
2000
3000
1000
≥ 7.5
all
1000
Ammopack
≤ 47
≤ 6.40
< 500
2000
335 x 240 x 50
500
≤ WV < 2000
1500
335 x 290 x 50
2000 and 3000
1500
≥ 7.5
all
1500
360 x 330 x 55
P
2
P
D
P1
Ø d
W1
W0
W2
W
H
1
H
0
D0
P0
direction of unreeling
A
t
detail A
Δ hΔ h
Δ P
ΔP
t1
F
e
L
Δs
Δs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com