Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S150K25SL0P6. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S150K25SL0P6.
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S150K25SL0P6. Datasheet(HTML) 1 Page - Vishay Siliconix

  S150K25SL0P6. Datasheet HTML 1Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 2Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 3Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 4Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 5Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 6Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 7Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 8Page - Vishay Siliconix S150K25SL0P6. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
53
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
S Series
Vishay BCcomponents
Capacitors with 5 mm (0.20"), 7.5 mm (0.30") and
10 mm (0.40") lead spacing
MARKING
Straight and kinked leaded versions are gold coloured
Marking indicates capacitance value and tolerance in
accordance with “EIA 198” and voltage:
OPERATING TEMPERATURE RANGE
Class 1 SL0, S3N, - 55 °C to + 125 °C
Class 2, X7R - 55 °C to + 125 °C
Class 2, Y5P, Z5U, Y5V, - 30 °C to + 85 °C
Class 2, X5F - 55 °C to + 85 °C
TEMPERATURE COEFFICIENTS
Class 1 SL0, S3N
Class 2 X7R, Y5P, Z5U, Y5V, X5F
SECTIONAL SPECIFICATIONS
Class 1, IEC 60 384-8,
Class 2, IEC 60 384-9,
EIA 198
CLIMATIC CATEGORY
Class 1, SL0, 55/125/21
Class 2, X7R, 55/125/21
Class 2, Y5P, Z5U, Y5V, 30/85/21
Class 2, X5F, 55/85/21
FEATURES
• Low losses
• High stability
• High capacitance in small size
• Kinked (preferred) or straight leads
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• DC high voltage
• Pulse high voltage
•SMPS
• HV power supply
•HF ballast
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm or 0.8 mm up to 3 kV
and 0.8 mm for 6 kV.
The capacitors may be supplied with kinked or straight
leads with a lead spacing of 5 mm (0.20"), 7.5 mm (0.30") or
10 mm (0.40") and a lead length from 4 mm to 30 mm. The
standard tolerance on capacitance is 5 % or 10 % for
class 1 capacitors and ± 10 % or ± 20 % for class 2
capacitors.
Encapsulation
is
made
of
gold-colored
epoxy-resin, flammable resistant in accordance with
“UL 94 V-0”
CAPACITANCE RANGE
Class 1, at 1 MHz, 1.2 VRMS ; 10 pF to 220 pF
1 kHz, 1 VRMS ± 0.2 VRMS for capacitance values higher than
1000 pF
Class 2, at 1 kHz, 1 VRMS ± 0.2 VRMS ; 100 pF to 33 000 pF
RATED DC VOLTAGE
1 kV; 2 kV; 3 kV; 6 kV
DIELECTRIC STRENGTH
200 % of rated voltage
INSULATION RESISTANCE AT 500 VDC
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE
± 5 %; ± 10 %; ± 20 %; + 80/- 20 %
Other tolerances available on request
DISSIPATION FACTOR
Class 1, C
≤ 30 pF; ≤ 20 x (10/C + 0.7) x 10-4 max.
Class 1, C > 30 pF;
≤ 0.2 %
Class 2,
≤ 3.0 %
QUICK REFERENCE DATA
DESCRIPTION
CLASS 1
(SL0, S3N)
CLASS 2
(Y5P, X7R, Z5U, Y5V, X5F)
Voltage (VDC)
1000, 2000, 3000, 6000
Min. Capacitance (pF)
10
100
Max. Capacitance (pF)
220
33 000
Mounting
Through hole
F
D
SH
F
D
SH
D
F
SH
Tangent
line
Tangent
line
Tangent
line


Similar Part No. - S150K25SL0P6.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S150K25SL0N6.J5 VISHAY-S150K25SL0N6.J5 Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
S150K25SL0N6J5 VISHAY-S150K25SL0N6J5 Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2
07-Jan-10
More results

Similar Description - S150K25SL0P6.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
07-Jan-10
564R VISHAY-564R Datasheet
94Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
06-Jul-16
615R VISHAY-615R Datasheet
81Kb / 4P
High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
09-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com