Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD6501G Datasheet(PDF) 21 Page - Microchip Technology

Part # MTD6501G
Description  3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501G Datasheet(HTML) 21 Page - Microchip Technology

Back Button MTD6501G Datasheet HTML 16Page - Microchip Technology MTD6501G Datasheet HTML 17Page - Microchip Technology MTD6501G Datasheet HTML 18Page - Microchip Technology MTD6501G Datasheet HTML 19Page - Microchip Technology MTD6501G Datasheet HTML 20Page - Microchip Technology MTD6501G Datasheet HTML 21Page - Microchip Technology MTD6501G Datasheet HTML 22Page - Microchip Technology MTD6501G Datasheet HTML 23Page - Microchip Technology MTD6501G Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2010-2012 Microchip Technology Inc.
DS22263B-page 21
MTD6501C/D/G
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MTD6501C-H:
3-Phase BLDC Sinusoidal Sensorless Fan Motor
Driver (IOUT maximum 800 mA, PWM 20 kHz) (Tube)
MTD6501C-L:
3-Phase BLDC Sinusoidal Sensorless Fan Motor
Driver (IOUT maximum 800 mA, PWM 20 kHz)
(Tape and Reel)
MTD6501D-H:
3-Phase BLDC Sinusoidal Sensorless Fan Motor
Driver (IOUT maximum 500 mA, PWM 20 kHz, Boost
option) (Tube)
MTD6501D-L:
3-Phase BLDC Sinusoidal Sensorless Fan Motor
Driver (IOUT maximum 500 mA, PWM 20 kHz, Boost
option) (Tape and Reel)
MTD6501G-H:
3-Phase BLDC Sinusoidal Sensorless Fan Motor
Driver (IOUT maximum 800 mA, PWM 23 kHz) (Tube)
MTD6501G-L:
3-Phase BLDC Sinusoidal Sensorless Fan Motor
Driver (IOUT maximum 800 mA, PWM 23 kHz)
(Tape and Reel)
Package C1*
=
8-Lead Plastic Small Outline – Thermally Enhanced Package
(SOP)
=
10-Lead Plastic Micro Small Outline Package (MSOP)
* These devices are formerly products of Advanced Silicon
Examples:
a)
MTD6501C-HC1
Tube,
8LD SOP Package
b)
MTD6501C-LC1
Tape and Reel,
8LD SOP Package
c)
MTD6501D-HC1
Tube,
10LD MSOP Package
d)
MTD6501D-LC1
Tape and Reel,
10LD MSOP Package
e)
MTD6501G-HC1
Tube,
8LD SOP Package
f)
MTD6501G-LC1
Tape and Reel,
8LD SOP Package
PART NO.
-X
XX
Package
Tube/Tape and Reel
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com