Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD6501G Datasheet(PDF) 4 Page - Microchip Technology

Part # MTD6501G
Description  3-Phase Brushless DC Sinusoidal Sensorless Fan Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501G Datasheet(HTML) 4 Page - Microchip Technology

  MTD6501G Datasheet HTML 1Page - Microchip Technology MTD6501G Datasheet HTML 2Page - Microchip Technology MTD6501G Datasheet HTML 3Page - Microchip Technology MTD6501G Datasheet HTML 4Page - Microchip Technology MTD6501G Datasheet HTML 5Page - Microchip Technology MTD6501G Datasheet HTML 6Page - Microchip Technology MTD6501G Datasheet HTML 7Page - Microchip Technology MTD6501G Datasheet HTML 8Page - Microchip Technology MTD6501G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MTD6501C/D/G
DS22263B-page 4
 2010-2012 Microchip Technology Inc.
Typical Application – Fan Motor Driver Using the MTD6501D
Recommended External Components for Typical Application
Element
Type/Value
Comment
C1
>1 µF
Connect as close as possible to IC input pins
C2
>1 µF
Connect as close as possible to IC input pins
R1
>10 kΩ
Connect to Vlogic on controller side
OUT1
GND
OUT2
GND
BOOST
PWM
OUT3
1
2
4
56
7
9
10
VDD
VCC
38
R1
Vlogic
(controller side)
C1
C2
PWM input
(0.02-100 kHz)
FG
Tie to GND
for BOOST
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com