Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1232ARM Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1232ARM
Description  Microprocessor Supervisory Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1232ARM Datasheet(HTML) 1 Page - Analog Devices

  ADM1232ARM Datasheet HTML 1Page - Analog Devices ADM1232ARM Datasheet HTML 2Page - Analog Devices ADM1232ARM Datasheet HTML 3Page - Analog Devices ADM1232ARM Datasheet HTML 4Page - Analog Devices ADM1232ARM Datasheet HTML 5Page - Analog Devices ADM1232ARM Datasheet HTML 6Page - Analog Devices ADM1232ARM Datasheet HTML 7Page - Analog Devices ADM1232ARM Datasheet HTML 8Page - Analog Devices ADM1232ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Microprocessor
Supervisory Circuit
ADM1232
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1997–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Pin-compatible with MAX1232 and Dallas DS1232
Adjustable precision voltage monitor with 4.5 V and
4.75 V options
Adjustable strobe monitor with 150 ms, 600 ms, or
1.2 sec options
No external components
Specified from −40°C to +85°C
APPLICATIONS
Microprocessor systems
Portable equipment
Computers
Controllers
Intelligent instruments
Automotive systems
FUNCTIONAL BLOCK DIAGRAM
VCC
TOLERANCE
PB RESET
TD
5%/10%
TOLERANCE
SELECT
RESET
GND
DEBOUNCE
VREF
RESET
WATCHDOG
TIMER
WATCHDOG
TIME-BASE
SELECT
STROBE
ADM1232
Figure 1.
GENERAL DESCRIPTION
The ADM1232 is pin-compatible with the MAX1232, DS1232LP,
and DS1232. The Analog Devices, Inc., ADM1232 is a micro-
processor monitoring circuit that can monitor the following:
Microprocessor supply voltage
Whether a microprocessor has locked up
External interrupts
The ADM1232 is available in four packages: an 8-lead MSOP
(RM-8), an 8-lead PDIP (N-8), a 16-lead wide SOIC (RW-16),
and an 8-lead narrow SOIC (R-8).
MICROPROCESSOR
GND
TD TOLERANCE
RESET
STROBE
RESET
I/O
ADM1232
5V
5V
10kΩ
Figure 2. Typical Supply Monitoring Application


Similar Part No. - ADM1232ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232ARM AD-ADM1232ARM Datasheet
122Kb / 6P
Microprocessor Supervisory Circuit
REV.B
More results

Similar Description - ADM1232ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
Microprocessor Supervisory Circuit
REV.B
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
Microprocessor Supervisory Circuit
REV.0
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
Microprocessor Supervisory Circuit
LTC1235 LINER-LTC1235 Datasheet
295Kb / 16P
Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
Microprocessor Supervisory Circuit
REV. B
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com