Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302ARDZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2302ARDZ
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302ARDZ Datasheet(HTML) 1 Page - Analog Devices

  ADP2302ARDZ Datasheet HTML 1Page - Analog Devices ADP2302ARDZ Datasheet HTML 2Page - Analog Devices ADP2302ARDZ Datasheet HTML 3Page - Analog Devices ADP2302ARDZ Datasheet HTML 4Page - Analog Devices ADP2302ARDZ Datasheet HTML 5Page - Analog Devices ADP2302ARDZ Datasheet HTML 6Page - Analog Devices ADP2302ARDZ Datasheet HTML 7Page - Analog Devices ADP2302ARDZ Datasheet HTML 8Page - Analog Devices ADP2302ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2 A/3 A, 20 V, 700 kHz,
Nonsynchronous Step-Down Regulators
Data Sheet
ADP2302/ADP2303
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevices foritsuse,norforanyinfringements of patents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Wide input voltage range: 3.0 V to 20 V
Maximum load current
2 A for ADP2302
3 A for ADP2303
±1.5% output accuracy over temperature
Output voltage down to 0.8 V
700 kHz switching frequency
Current-mode control architecture
Automatic PFM/PWM mode
Precision enable pin with hysteresis
Integrated high-side MOSFET
Integrated bootstrap diode
Internal compensation and soft start
Power-good output
Undervoltage lockout (UVLO)
Overcurrent protection (OCP)
Thermal shutdown (TSD)
8-lead SOIC package with exposed paddle
Supported by ADIsimPower™ design tool
APPLICATIONS
Intermediate power rail conversion
DC-to-DC point of load applications
Communications and networking
Industrial and instrumentation
Healthcare and medical
Consumer
TYPICAL APPLICATIONS CIRCUIT
VIN
VIN
VOUT
ADP2302/
ADP2303
PGOOD
EN
GND
OFF
ON
BST
SW
FB
Figure 1. Typical Application Circuit
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
INDUCTOR: VLF10040T
-4R7N5R4
DIODE: SSB43L
VOUT = 3.3V
VOUT = 5.0V
Figure 2. ADP2303 Efficiency vs. Output Current at VIN = 12 V
GENERAL DESCRIPTION
The ADP2302/ADP2303 are fixed frequency, current-mode
control, step-down, dc-to-dc regulators with an integrated
power MOSFET. The ADP2302/ADP2303 can run from an
input voltage of 3.0 V to 20 V, which makes them suitable for a
wide range of applications. The output voltage of the ADP2302/
ADP2303 can be down to 0.8 V for the adjustable version, while
the fixed output version is available in preset output voltage
options of 5.0 V, 3.3 V, and 2.5 V. The 700 kHz operating
frequency allows small inductor and ceramic capacitors to be
used, providing a compact solution. Current mode control
provides fast and stable line and load transient performance.
The ADP2302/ADP2303 have integrated soft start circuitry to
prevent a large inrush current at power-up. The power-good
signal can be used to sequence devices that have an enable input.
The precision enable threshold voltage allows the part to be
easily sequenced from other input/output supplies. Other key
features include undervoltage lockout (UVLO), overvoltage
protection (OVP), thermal shutdown (TSD), and overcurrent
protection (OCP).
The ADP2302/ADP2303 devices are available in the 8-lead,
SOIC package with exposed paddle and are rated for the −40oC
to +125oC junction temperature range.


Similar Part No. - ADP2302ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2302ARDZ-2.5-R7 AD-ADP2302ARDZ-2.5-R7 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
ADP2302ARDZ-3.3-R7 AD-ADP2302ARDZ-3.3-R7 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
ADP2302ARDZ-5.0-R7 AD-ADP2302ARDZ-5.0-R7 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
ADP2302ARDZ-R7 AD-ADP2302ARDZ-R7 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
More results

Similar Description - ADP2302ARDZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
3 A, 900 kHz, monolithic synchronous step-down regulator
25-Oct-2007
logo
Analog Devices
ADP2300 AD-ADP2300 Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com