Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3300ART-3.2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3300ART-3.2
Description  High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300ART-3.2 Datasheet(HTML) 8 Page - Analog Devices

  ADP3300ART-3.2 Datasheet HTML 1Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 2Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 3Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 4Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 5Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 6Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 7Page - Analog Devices ADP3300ART-3.2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. B
–8–
ADP3300
Constant Dropout Post Regulator
The circuit in Figure 6 provides high precision with low drop-
out for any regulated output voltage. It significantly reduces the
ripple from a switching regulator while providing a constant
dropout voltage, which limits the power dissipation of the LDO
to 15 mW. The ADP3000 used in this circuit is a switching
regulator in the step-up configuration.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
6-Lead Surface Mount Package
(SOT-23)
1
3
4
5
2
6
0.122 (3.10)
0.106 (2.70)
PIN 1
0.071 (1.80)
0.059 (1.50)
0.118 (3.00)
0.098 (2.50)
0.075
(1.90)
BSC
0.037
(0.95) BSC
0.009 (0.23)
0.003 (0.08)
0.022 (0.55)
0.014 (0.35)
10
0
0.020 (0.50)
0.010 (0.25)
0.006 (0.15)
0.000 (0.00)
0.051 (1.30)
0.035 (0.90)
SEATING
PLANE
0.057 (1.45)
0.035 (0.90)
D1
1N5817
C2
100 F
10V
L1
6.8 H
R1
120
ADP3300-5
IN
SD
OUT
GND
C3
2.2 F
5V @ 50mA
C1
100 F
10V
ADP3000-ADJ
ILIM
VIN
SW1
GND
SW2
FB
VIN = 2.5V TO 3.5V
R2
30.1k
1%
Q1
2N3906
Q2
2N3906
R4
274k
R3
124k
1%
Figure 6. Constant Dropout Post Regulator
ADP3300–Revision History
Location
Page
Data Sheet changed from REV. A to REV. B.
Edits to FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Edits to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Edits to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Addition to the ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com